công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AIAS-03-R68K

  • AI
    The **AIAS-03-R68K** is a specific electronic component belonging to the **inductor** family. Specifically, it is a fixed, axial-leaded inductor often used in general-purpose electronic circuits for filtering and energy storage. --- ## 1. Technical Specifications The part number can be broken down to understand its electrical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Fixed Inductor | Non-adjustable inductance | | **Inductance** | 0.68 µH | Represented by "R68" | | **Tolerance** | ±10% | Represented by "K" | | **Package/Case** | Axial Leaded | Cylindrical body with wires at both ends | | **Current Rating** | ~1400 mA (1.4A) | Typical for this series | | **DC Resistance (DCR)** | ~0.09 Ω Max | Low resistance to prevent power loss | --- ## 2. Key Features and Construction The AIAS-03 series is designed for reliability in various environmental conditions: * **Core Material:** Typically uses a ferrite core to provide high permeability and stability. * **Coating:** Usually protected by an epoxy resin coating which provides moisture resistance and electrical insulation. * **Form Factor:** The axial lead design allows for "through-hole" mounting on PCBs, making it easy to solder manually or via wave soldering. --- ## 3. Common Applications Due to its low inductance and relatively high current handling, the AIAS-03-R68K is commonly found in: 1. **Noise Filtering:** Used in power supply lines to block high-frequency electromagnetic interference (EMI). 2. **Decoupling:** Prevents noise from one part of a circuit from affecting another. 3. **RF Circuits:** Used in radio frequency applications for impedance matching or as part of a resonant circuit. 4. **DC-DC Converters:** Acts as an energy storage element in low-power voltage regulation. --- ## 4. Part Number Breakdown Understanding the nomenclature helps in selecting substitutes: * **AIAS-03**: The series identifier (defines physical size and power rating). * **R68**: The inductance value. "R" acts as the decimal point ($0.68$). * **K**: The tolerance code ($M = 20\%, K = 10\%, J = 5\%$). ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the AIAS-03 series package?
    • ⤷ How does the 'R68' value compare to a '680' value in inductor naming conventions?
    • ⤷ Can this inductor be used in high-temperature automotive environments?