công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AIAS-03-R12K

  • AI
    The **AIAS-03-R12K** is a specific surface-mount electronic component, categorized as a **Fixed Inductor** (specifically an unshielded power inductor). It is commonly manufactured by Abracon. --- ### ## Technical Specifications Below are the primary electrical and physical characteristics of the AIAS-03-R12K: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.12 µH (Microhenries) | | **Tolerance** | ±10% (K tolerance) | | **DC Resistance (DCR)** | ~0.35 Ω (Max) | | **Rated Current (I-sat/I-rms)** | ~550 mA | | **Operating Temperature** | -40°C to +85°C | | **Package / Case** | SMD (Surface Mount Device) | | **Core Material** | Ferrite | --- ### ### Key Electronic Components & Construction The part is built using three main structural elements: 1. **Ferrite Core:** The central "drum" or "rod" around which the wire is wrapped. Ferrite is used to concentrate the magnetic field and increase inductance without excessive size. 2. **Copper Winding:** A fine copper wire wrapped around the core. The number of turns and the wire gauge determine the 0.12 µH inductance and the current-carrying capacity. 3. **Terminations:** Solderable pads located at the bottom of the component for surface-mount assembly (SMT). --- ### ### Functional Use in Circuits In an electronic system, the AIAS-03-R12K typically performs the following roles: * **RF Filtering:** Due to its low inductance value (0.12 µH), it is often used in high-frequency applications to filter out electromagnetic interference (EMI). * **Decoupling:** It prevents noise from passing from one part of a circuit to another, particularly in power supply lines for sensitive ICs. * **Impedance Matching:** Used in radio frequency (RF) circuits to ensure maximum power transfer between stages. --- ### ### Typical Applications * **Mobile Communication:** Handsets and base stations. * **Computing:** Laptops, motherboards, and peripheral power management. * **Consumer Electronics:** Digital cameras and portable media players. * **Automotive:** Non-safety critical infotainment systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between shielded and unshielded inductors like the AIAS-03 series?
    • ⤷ How does the 'K' suffix affect the performance of this inductor?
    • ⤷ What are the recommended soldering profiles for this SMD component?