AI-2438-TT-R
AI

## Technical Overview of AI-2438-TT-R
The **AI-2438-TT-R** is a high-performance **Piezo Audio Indicator** (buzzer) manufactured by **PUI Audio**. It is designed for applications requiring a clear, loud audible alert with low power consumption.
---
### 1. Key Technical Specifications
Below is a breakdown of the electronic characteristics and physical properties of the device:
| Feature | Specification |
| :--- | :--- |
| **Technology** | Piezoelectric |
| **Rated Voltage** | 12 VDC |
| **Operating Voltage Range** | 3 ~ 20 VDC |
| **Current Consumption** | Max 10 mA at 12 VDC |
| **Sound Pressure Level (SPL)** | 92 dBA @ 10cm |
| **Resonant Frequency** | 3,800 Hz ± 500 Hz |
| **Tone Type** | Continuous |
| **Mounting Type** | Through Hole (PC Pins) |
| **Housing Material** | PBT (Polybutylene Terephthalate) |
---
### 2. Functional Components
The AI-2438-TT-R is an **indicator**, meaning it contains internal circuitry. Unlike a "transducer," it does not require an external frequency generator to produce sound.
* **Internal Drive Circuit:** It features a built-in oscillator. When a DC voltage within the specified range is applied, the circuit automatically converts it into an AC signal at the resonant frequency to drive the piezo element.
* **Piezoelectric Element:** A ceramic disc that vibrates when an electric field is applied. This vibration creates the pressure waves we hear as sound.
* **Housing/Resonator:** The plastic casing is acoustically tuned to the 3.8 kHz frequency to amplify the sound output.
---
### 3. Usage & Connectivity
Because this is a DC-driven device, the polarity must be observed during installation.
**Basic Circuit Connection:**
```markdown
[Positive Terminal (+)] ----> 3V to 20V DC Source
[Negative Terminal (-)] ----> Ground (GND)
```
---
### 4. Typical Applications
* **Medical Equipment:** Alarms for patient monitors or diagnostic tools.
* **Industrial Controls:** Status indicators for control panels or safety shut-offs.
* **Consumer Electronics:** High-pitch alerts for household appliances or timers.
* **Security Systems:** Audible feedback for keypads or entry sensors.
- ⤷
What is the difference between an audio indicator and an audio transducer?
- ⤷ How does the sound pressure level (SPL) change if I use 5V instead of 12V?
- ⤷ Is the AI-2438-TT-R suitable for outdoor or high-moisture environments?