AFB0812VH-R00
AI

## Electronic Specifications: AFB0812VH-R00
The **AFB0812VH-R00** is a high-performance DC axial fan manufactured by Delta Electronics. It belongs to the **AFB series**, known for its reliability and high airflow-to-size ratio.
---
### 1. Key Technical Specifications
Below are the primary electronic and mechanical characteristics of the unit:
| Parameter | Specification |
| :--- | :--- |
| **Rated Voltage** | 12V DC |
| **Operating Voltage Range** | 7.0 to 13.8V DC |
| **Input Current** | 0.41A (Max 0.60A) |
| **Input Power** | 4.92W |
| **Speed** | 3600 RPM |
| **Maximum Air Flow** | 52.02 CFM (1.473 m³/min) |
| **Maximum Air Pressure** | 6.47 mmH₂O (0.255 IN H₂O) |
| **Acoustic Noise** | 42.5 dB-A |
| **Bearing Type** | Dual Ball Bearing |
---
### 2. Sensor and Wiring (R00 Suffix)
The **"-R00"** suffix is critical for understanding the electronic output of this specific model. In Delta’s nomenclature, this indicates a **Lock Sensor (Alarm Signal)**.
* **Function:** This sensor outputs a signal that indicates whether the fan motor is spinning or stalled.
* **Signal Behavior:**
* **Normal Operation:** The output stays at a "Low" voltage level.
* **Fan Failure (Stall):** The output signal goes "High" (typically pulled up to the supply voltage).
* **Wiring Configuration:**
1. **Red Wire:** Positive (+) Power (12V)
2. **Black Wire:** Negative (-) Ground (GND)
3. **Blue Wire:** R00 Sensor (Lock/Alarm Signal)
---
### 3. Electronic Protection Features
The AFB0812VH-R00 includes several built-in electronic protections to ensure longevity and safety:
* **Locked Rotor Protection:** The circuitry prevents damage to the motor coils if the fan blades are physically obstructed. It attempts to restart automatically once the obstruction is removed.
* **Polarity Protection:** The fan is protected against reverse connection of the positive and negative leads (though prolonged reverse voltage should be avoided).
* **Insulation Resistance:** Minimum of 10 Meg Ohm at 500V DC between the frame and the (+) terminal.
* **Dielectric Strength:** Maximum 5mA at 500V AC for one minute between the frame and the (+) terminal.
---
### 4. Physical Dimensions
* **Frame Size:** 80mm x 80mm
* **Thickness:** 25.4mm
* **Material:** Plastic (UL 94V-0) impeller and frame.
- ⤷
What is the difference between the R00 (Lock Sensor) and F00 (Tachometer) versions?
- ⤷ How do I calculate the pull-up resistor value for the alarm signal wire?
- ⤷ Can this fan be controlled using PWM (Pulse Width Modulation)?