AFB0612HHB-R00
AI

## Technical Overview: Delta AFB0612HHB-R00
The **AFB0612HHB-R00** is a high-performance DC axial fan manufactured by Delta Electronics. It belongs to the AFB series, which is known for using dual ball bearings and providing a balance between high airflow and reliability in compact spaces.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Frame Size** | 60mm x 60mm x 15mm |
| **Rated Voltage** | 12 VDC |
| **Operating Voltage Range** | 7.0 ~ 13.8 VDC |
| **Rated Current** | 0.17 A (Max 0.25 A) |
| **Input Power** | 2.04 W |
| **Speed** | 4500 RPM |
| **Max Airflow** | 17.37 CFM (0.492 m³/min) |
| **Max Static Pressure** | 4.97 mmH2O (0.196 inH2O) |
| **Noise Level** | 35.0 dB-A |
| **Bearing Type** | Dual Ball Bearing |
---
### 2. Electronic Interface and Wiring
The suffix **-R00** is a specific Delta designation regarding the output signal.
* **Three-Wire Interface:** This fan typically features three wires.
* **Red:** Positive (+) 12V.
* **Black:** Negative (-) Ground.
* **White/Blue:** Sensor Signal (Lock Sensor).
* **The "R00" Signal (Lock Sensor):**
Unlike the "F00" (Tachometer/Frequency) signal which measures RPM, the **R00** signal is a **Lock Detection** output.
* Under normal rotation, the signal stays at a specific logic level.
* If the fan motor stops (locked rotor), the signal flips to indicate a failure. This is used for safety shutdowns in servers or industrial equipment.
---
### 3. Electronic Protection Features
Delta incorporates several protective circuits into the PCB of the AFB series:
1. **Locked Rotor Protection:** The motor automatically attempts to restart after a blockage is cleared. It prevents the internal coils from overheating if the blades are physically obstructed.
2. **Polarity Protection:** Protects the fan electronics if the positive and negative leads are accidentally reversed (to a limited threshold).
3. **Brushless DC (BLDC) Motor Controller:** The internal IC handles the electronic commutation of the phases, eliminating the need for mechanical brushes and extending the lifespan to roughly 70,000 hours at 40°C.
---
### 4. Materials and Construction
* **Impeller & Frame:** Glass fiber reinforced plastic (UL 94V-0).
* **Lead Wires:** UL 1007 AWG #24 or equivalent.
* **Operating Temperature:** -10°C to +70°C.
---
- ⤷
What is the difference between the R00 and F00 suffixes in Delta fans?
- ⤷ Can this fan be controlled via PWM (Pulse Width Modulation)?
- ⤷ How do I interpret the Lock Sensor signal in a microcontroller circuit?