công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADUCM360BCPZ128-R7

  • AI
    ## Overview of ADUCM360BCPZ128-R7 The **ADUCM360BCPZ128-R7** is a highly integrated, low-power data acquisition system-on-a-chip manufactured by Analog Devices. It is specifically designed for high-precision industrial sensing applications, such as temperature monitoring and pressure measurement. ### Key Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 (32-bit) | | **Speed** | Up to 16 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 8 KB | | **ADC** | Dual 24-bit Sigma-Delta ADCs | | **DAC** | Single 12-bit Voltage Output DAC | | **Operating Voltage** | 1.8V to 3.6V | | **Package** | 48-Lead LFCSP (7mm x 7mm) | --- ### Major Internal Electronic Subsystems The power of this chip lies in its combination of a powerful microcontroller with high-performance analog peripherals. #### 1. Analog-to-Digital Converters (ADCs) The standout feature is the **dual 24-bit Sigma-Delta ADCs**. - **Precision:** They offer high resolution for measuring minute signals from sensors like RTDs (Resistance Temperature Detectors) or Thermocouples. - **PGA:** Includes a Programmable Gain Amplifier to boost small signals without needing external circuitry. - **Filtering:** Integrated digital filters to reduce noise. #### 2. Microcontroller Core The **ARM Cortex-M3** acts as the brain, managing the data flow from the ADCs and performing calculations (like linearization of sensor data). - **Power Management:** Highly efficient, allowing the chip to operate in "Low Power" modes suitable for 4–20 mA loop-powered systems. - **DMA:** Includes an 11-channel Direct Memory Access controller to move data without taxing the CPU. #### 3. Communication Interfaces The chip supports several protocols to communicate with other sensors or master controllers: - **UART:** For serial communication. - **I2C:** For peripheral sensor connection. - **SPI:** Two SPI ports for high-speed data transfer. #### 4. Excitation Sources To measure resistive sensors, the chip includes **Current Sources (IDACs)**. These can provide a precise constant current to a sensor (like a PT100), allowing the ADC to measure the resulting voltage drop. --- ### Typical Application Circuit When designing with this part, the hardware engineer usually focuses on the analog front-end: ```c // Pseudo-code logic for ADC initialization void Init_ADC() { ADCMSKI = 0x01; // Enable ADC interrupt ADC0CON = 0x8000; // Set ADC0 to continuous conversion mode ADC0MDE = 0x01; // Set Gain and Reference source } ``` ### Common Use Cases 1. **Industrial Process Control:** Temperature and pressure transmitters. 2. **Smart Sensors:** Field instruments requiring high accuracy and low power. 3. **Medical Instrumentation:** Precision monitoring devices.
    ✨ Follow-up Questions
    • ⤷ How does the dual ADC architecture improve sensor measurement accuracy?
    • ⤷ What are the power consumption specs in deep sleep mode?
    • ⤷ What external components are required for a basic 4-20mA loop application?