công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADRF6780ACPZN-R2

  • AI
    ## ADRF6780ACPZN-R2: Electronic Overview The **ADRF6780ACPZN-R2** is a high-performance, wideband microwave upconverter manufactured by Analog Devices. It is designed to translate baseband or intermediate frequencies (IF) directly to high radio frequencies (RF). --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **RF Output Frequency** | 5.9 GHz to 23.6 GHz | | **IF Input Frequency** | DC to 3.5 GHz | | **LO Input Frequency** | 2.95 GHz to 11.8 GHz (x2 internal multiplier) | | **Conversion Gain** | ~10 dB (typical) | | **Sideband Rejection** | 25 dBc (typical) | | **Package** | 32-lead LFCSP (5mm x 5mm) | | **Power Supply** | 3.3V | --- ### 2. Functional Electronic Sections The device integrates several critical microwave components into a single silicon-on-insulator (SOI) chip: #### A. I/Q Mixer At its core, the ADRF6780 is an **I/Q (In-phase/Quadrature) modulator**. It takes differential I and Q baseband signals and mixes them with a Local Oscillator (LO). This architecture allows for Single Sideband (SSB) upconversion, which reduces the need for heavy external filtering. #### B. LO Frequency Multiplier The part features a programmable **Local Oscillator (LO) path**. It includes a frequency doubler ($x2$) that can be bypassed. This allows the user to use lower-frequency LO sources to generate high-frequency RF outputs. #### C. Variable Gain Amplifier (VGA) The output stage includes a VGA that provides approximately **25 dB of gain control range**. This is critical for maintaining signal integrity and compensating for path losses in microwave transmission lines. #### D. SPI Interface The device is digitally controlled via a **3-wire Serial Port Interface (SPI)**. This allows the user to: * Adjust the gain. * Perform LO carrier feedthrough nulling. * Enable or disable internal blocks for power saving. --- ### 3. Application Use Cases 1. **Point-to-Point Microwave Radios:** Used in backhaul infrastructure for cellular networks. 2. **Satellite Communications (SATCOM):** Ideal for ground station upconverters. 3. **Electronic Warfare (EW):** Used in broadband jamming or signal intelligence. 4. **Test and Measurement:** High-frequency signal generation equipment. --- ### 4. Schematic Considerations When designing a PCB for the ADRF6780, engineers must focus on: * **Impedance Matching:** All RF, LO, and IF ports must be matched to 50 $\Omega$ to minimize reflections. * **Thermal Management:** The bottom exposed pad of the LFCSP package must be soldered to a ground plane with multiple thermal vias. * **Decoupling:** High-frequency ceramic capacitors should be placed as close as possible to the $V_{CC}$ pins to filter out power supply noise.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the ADRF6780?
    • ⤷ How does the sideband rejection calibration work via SPI?
    • ⤷ What are the recommended LO input power levels for optimal performance?