công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADRF5721BCCZN-R7

  • AI
    ## Overview of ADRF5721BCCZN-R7 The **ADRF5721BCCZN-R7** is a high-performance, silicon-based, digital attenuator designed by Analog Devices. It is widely used in RF (Radio Frequency) communication systems to control signal strength with high precision over a wide frequency range. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Type** | Silicon Digital Attenuator | | **Frequency Range** | 9 kHz to 40 GHz | | **Attenuation Range** | 31.5 dB | | **Step Size** | 0.5 dB (6-bit control) | | **Insertion Loss** | ~2.5 dB at 20 GHz | | **Control Interface** | Parallel and Serial (SPI) | | **Package** | 24-terminal LGA (3mm x 3mm) | | **Operating Voltage** | Dual Supply (+3.3V / -3.3V) | --- ### Key Technical Attributes #### 1. Wideband Performance The device covers an exceptionally broad frequency spectrum (up to 40 GHz). This makes it suitable for various applications from low-frequency industrial use to high-frequency 5G and Aerospace & Defense applications. #### 2. High Linearity and Power Handling * **IP3 (Third-Order Intercept Point):** High linearity ensures minimal distortion of the signal even at high power levels. * **Settling Time:** It features fast switching speeds, which is critical for dynamic signal environments. #### 3. Control Architecture The ADRF5721 utilizes a 6-bit digital control scheme, allowing for 64 discrete attenuation states. Designers can choose between: * **Serial Interface (SPI):** Reduces pin count on the microcontroller. * **Parallel Interface:** Allows for faster state changes in time-critical applications. --- ### Applications * **5G Infrastructure:** Gain control in base stations. * **Test and Measurement:** Precision signal adjustment in lab equipment. * **Military Radar:** Signal leveling in electronic warfare and radar systems. * **Satellite Communications:** Managing link budgets in ground and space segments. --- ### Pin Configuration Snippet (Conceptual) ```c /* Control Logic Example (Pseudo-code) */ void set_attenuation(float db_value) { // ADRF5721 uses 6 bits for 31.5dB (0.5dB steps) uint8_t code = (uint8_t)(db_value / 0.5); SPI_Transfer(ADRF5721_CS_PIN, code); // Data is latched to update the RF path attenuation } ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the ADRF5721 at 40 GHz?
    • ⤷ How does the insertion loss vary across its full frequency range?
    • ⤷ Can the ADRF5721 be operated using a single supply instead of a dual supply?