ADRF5702BCCZN-R7
AI

The **ADRF5702BCCZN-R7** is a high-performance, silicon-based digital attenuator developed by Analog Devices. It is designed specifically for high-frequency RF (Radio Frequency) applications, offering precise signal control.
---
### ## Key Technical Specifications
The following table summarizes the primary electrical characteristics of the ADRF5702:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 100 MHz to 30 GHz |
| **Attenuation Range** | 31.5 dB |
| **Step Size** | 0.5 dB (6-bit control) |
| **Insertion Loss** | ~1.6 dB at 18 GHz |
| **Control Interface** | Serial (SPI) and Parallel |
| **Switching Speed** | ~100 ns |
| **Package** | 24-terminal LGA (4mm x 4mm) |
---
### ## Functional Overview
#### 1. Core Technology
Unlike older GaAs (Gallium Arsenide) attenuators, the ADRF5702 is built on a **Silicon-on-Insulator (SOI)** process. This allows it to handle high power levels without the need for external DC blocking capacitors (in most cases), provided the DC voltage is 0V.
#### 2. Digital Control Logic
The device uses a 6-bit digital control word to adjust attenuation. It supports two modes:
* **Serial Mode (SPI):** Minimizes the number of control lines required.
* **Parallel Mode:** Allows for high-speed, direct state changes.
#### 3. Power Handling and Linearity
It features high linearity (Input IP3 typically > 50 dBm), making it suitable for modern communication standards where signal integrity is critical.
---
### ## Typical Application Circuit
When integrating this part into a PCB design, the following connections are standard:
```mermaid
graph LR
RF_IN[RF Input] --> ATT[ADRF5702]
ATT --> RF_OUT[RF Output]
MCU[Microcontroller] -- SPI/Parallel --> ATT
V_SUP[3.3V Supply] --> ATT
```
### ## Part Number Breakdown: ADRF5702BCCZN-R7
* **ADRF:** Analog Devices RF product line.
* **5702:** Specific model identifier.
* **B:** Revision or grade.
* **CCZ:** Package code (LGA).
* **N:** Temperature range (usually -40°C to +105°C).
* **R7:** 7-inch reel packaging (standard for automated assembly).
---
- ⤷
How does the ADRF5702 compare to GaAs-based attenuators in terms of power consumption?
- ⤷ What are the specific decoupling capacitor requirements for the VDD and VSS pins?
- ⤷ Can this device be used in reflective or non-reflective applications?