ADRF5010BCCZN-R7
AI

## ADRF5010BCCZN-R7: Technical Overview
The **ADRF5010BCCZN-R7** is a high-performance, non-reflective, silicon-based SPDT (Single Pole Double Throw) switch manufactured by Analog Devices. It is designed for high-frequency applications, particularly within the 100 MHz to 30 GHz range.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Frequency Range** | 100 MHz to 30 GHz |
| **Switch Type** | SPDT (Single Pole Double Throw) |
| **Insertion Loss** | 1.1 dB @ 20 GHz; 1.4 dB @ 30 GHz |
| **Isolation** | 38 dB @ 20 GHz; 34 dB @ 30 GHz |
| **P0.1dB (Input Power)** | 27 dBm (0.5 W) |
| **Settling Time** | 350 ns (50% CTL to 0.1 dB of final RF output) |
| **Package** | 20-lead, 3 mm x 3 mm LGA (Land Grid Array) |
---
### 2. Functional Description
The device utilizes a silicon-on-insulator (SOI) process, which allows for fast switching speeds and high power handling in a compact form factor.
#### Main Components & Features:
* **Non-Reflective Design:** The internal circuitry terminates the "OFF" ports in $50 \Omega$. This is crucial for maintaining system stability and preventing signal reflections back to the source.
* **Integrated Driver:** It includes internal CMOS/LVTTL compatible control logic, eliminating the need for external negative voltage drivers often required by GaAs switches.
* **Broadband Performance:** Its architecture allows it to maintain low insertion loss and high isolation across a massive frequency spectrum (up to 30 GHz).
---
### 3. Pin Configuration & Logic
The ADRF5010 requires a positive and negative supply ($V_{DD}$ and $V_{SS}$) to operate.
```text
Control Logic Table:
| Control Input (CTRL) | RF Common to: |
|----------------------|---------------|
| Low (0V) | RF1 (Through) |
| High (3.3V) | RF2 (Through) |
```
---
### 4. Common Applications
Due to its high frequency and fast settling time, this part is commonly used in:
1. **Test and Measurement:** High-speed automated test equipment (ATE).
2. **Military & Aerospace:** Radar systems and electronic warfare (EW).
3. **5G Infrastructure:** High-frequency base stations and point-to-point radios.
4. **Microwave Radios:** General signal routing in telecommunications.
- ⤷
What are the power supply requirements (Vdd and Vss) for this device?
- ⤷ How does the non-reflective architecture benefit a microwave system?
- ⤷ What is the difference between the ADRF5010 and the ADRF5020 models?