công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADR540BRT-R2

  • AI
    The **ADR540BRT-R2** is a high-precision shunt mode voltage reference manufactured by Analog Devices. It is designed for applications requiring high stability, low power consumption, and a small form factor. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 4.096 V | | **Initial Accuracy** | ±4.0 mV (0.1%) | | **Temperature Coefficient** | 25 ppm/°C | | **Operating Current Range** | 50 µA to 15 mA | | **Package Type** | SOT-23-3 | | **Operating Temperature** | -40°C to +85°C | | **Output Noise** | 30 µV p-p (0.1 Hz to 10 Hz) | --- ### 2. Functional Characteristics #### Shunt Configuration Unlike a series reference, the ADR540 operates like a **Zener diode**. It maintains a constant voltage across its terminals by adjusting the current it shunts to ground. This makes it ideal for: * Wide input voltage ranges (as long as a current-limiting resistor is used). * Negative voltage references. #### Precision and Stability The 4.096 V output is specifically chosen to simplify calculations in digital systems. In a 12-bit Analog-to-Digital Converter (ADC), 4.096 V equates to exactly **1 mV per Least Significant Bit (LSB)** ($4096 / 2^{12} = 1$). #### Low Power Consumption With a minimum operating current of only **50 µA**, it is highly suitable for battery-powered handheld devices. --- ### 3. Application Circuit Example To use the ADR540, a series resistor ($R_{bias}$) must be calculated to ensure the device stays within its current limits ($I_{min}$ to $I_{max}$). ```cpp // Formula for calculating Bias Resistor (R_bias): // R_bias = (V_in(min) - V_out) / (I_load(max) + I_shunt(min)) Input Voltage (Vin) ----[ R_bias ]----+---- V_out (4.096V) | [ADR540] | GND ``` --- ### 4. Common Applications * **Precision Data Acquisition:** Providing the reference voltage for ADCs and DACs. * **Industrial Process Control:** Current loops (4-20mA) and sensor instrumentation. * **Battery Management:** Voltage monitoring in portable electronics. * **Automotive Systems:** Stable references for onboard sensors. ---
    ✨ Follow-up Questions
    • ⤷How do I calculate the optimal value for the series resistor (R_bias)?
    • ⤷ What are the main differences between the ADR540 shunt reference and a series reference like the ADR444?
    • ⤷ Are there pin-compatible alternatives with better temperature drift specifications?