công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADR4550CRZ-R7

  • AI
    The **ADR4550CRZ-R7** is a high-precision, low-noise voltage reference integrated circuit (IC) manufactured by **Analog Devices**. It belongs to the ADR45xx family, which is known for its high stability and low power consumption, making it ideal for high-resolution data acquisition systems. --- ### ## Technical Specifications Below are the primary electrical characteristics of the ADR4550CRZ-R7: | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 5.0 V | | **Initial Accuracy** | ±0.02% (Max) | | **Temperature Coefficient** | 2 ppm/°C (Max) | | **Input Voltage Range** | 5.1 V to 15 V | | **Output Current Drive** | +10 mA (Source) / -10 mA (Sink) | | **Long-Term Drift** | 25 ppm / 1000 hours | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 8-Lead SOIC (N-Suffix) | --- ### ### Key Features and Internal Architecture 1. **Ultra-Low Noise:** It produces extremely low low-frequency noise (typically 2.8 μV p-p at 0.1 Hz to 10 Hz), which is critical for 16-bit to 24-bit Analog-to-Digital Converters (ADCs). 2. **High Drive Capability:** Unlike many references that require a buffer, this part can source and sink up to 10 mA, allowing it to drive the reference pins of ADCs directly. 3. **Low Dropout Voltage:** It requires very little "headroom" above its output voltage (only 100mV under light loads) to maintain regulation. 4. **Excellent Line and Load Regulation:** It maintains a stable 5V output even if the input power supply fluctuates or the output load changes. --- ### ### Typical Application Circuit The device is simple to integrate. Below is a basic representation of its pin connections: ```markdown Pin 1: DNC (Do Not Connect) Pin 2: VIN (Input Voltage 5.1V - 15V) Pin 3: DNC Pin 4: GND (Ground) Pin 5: DNC Pin 6: VOUT (5.0V Precision Output) Pin 7: DNC Pin 8: DNC ``` *Note: It is highly recommended to place a 0.1 μF to 10 μF capacitor on both the input and output pins for stability and noise filtering.* --- ### ### Common Use Cases * **Precision Data Acquisition:** Used as the reference for high-resolution SAR and Sigma-Delta ADCs. * **Instrumentation:** Employed in weigh scales, medical devices, and analytical laboratory equipment. * **Industrial Process Control:** Ensuring accuracy in PLC (Programmable Logic Controller) analog I/O modules. * **Automotive:** Battery management systems and sensor signal conditioning.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'B' and 'C' grade versions of the ADR4550?
    • ⤷ How does the 'R7' suffix affect the packaging and ordering quantity?
    • ⤷ Can this IC be used as a low-power voltage regulator for small microcontrollers?