công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADR4525BRZ-R7

  • AI
    ## ADR4525BRZ-R7: Ultra-Low Noise Voltage Reference The **ADR4525BRZ-R7** is a high-precision, low-power, low-noise voltage reference produced by **Analog Devices**. It is part of the ADR45xx family, which is renowned for its high stability and accuracy over temperature changes. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 2.5 V | | **Initial Accuracy** | ±0.02% (Maximum) | | **Temperature Coefficient** | 2 ppm/°C (Maximum) | | **Output Noise (0.1 Hz to 10 Hz)** | 1.25 µV p-p | | **Operating Supply Range** | 3.0 V to 15 V | | **Operating Temperature** | -40°C to +125°C | | **Output Current Capability** | +10 mA (Source) / -10 mA (Sink) | | **Package Type** | 8-Lead SOIC_N | --- ### 2. Functional Description The ADR4525 belongs to the category of **Series Voltage References**. Unlike shunt references, series references do not require an external resistor and consume current proportional to the load. #### Core Internal Components: * **Bandgap Reference Core:** Uses a proprietary architecture to achieve ultra-low drift. * **Curvature Correction:** Internal circuitry minimizes the nonlinearity of the output voltage over the temperature range. * **Output Buffer:** A high-performance amplifier that allows the device to drive significant capacitive loads without losing stability. --- ### 3. Application Use Cases This specific part is typically found in high-end industrial and medical instrumentation: 1. **Precision Data Converters:** Acts as the external reference for 16-bit, 18-bit, or 24-bit ADCs (Analog-to-Digital Converters) and DACs. 2. **Medical Equipment:** Used in MRI or ECG machines where signal integrity and low noise are critical. 3. **Optical Networks:** Providing stable bias voltages for laser modules. 4. **Smart Grid Monitors:** Ensuring accuracy in power quality analyzers. --- ### 4. PCB Design Considerations When using the ADR4525BRZ-R7 in a circuit, follow these hardware guidelines: * **Decoupling:** Place a $0.1 \mu F$ ceramic capacitor as close to the $V_{in}$ pin as possible. * **Output Capacitor:** While stable without a load capacitor, adding a $1 \mu F$ to $10 \mu F$ low-ESR capacitor at the output helps reduce high-frequency noise. * **Thermal Management:** To maintain the 2 ppm/°C specification, avoid placing heat-generating components (like power regulators) near this chip on the PCB. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'BRZ' and 'ARZ' suffixes for this part?
    • ⤷ How does the ADR4525 compare to the LT1236 in terms of noise performance?
    • ⤷ Can this part be used in a ratiometric measurement system?