công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADR370ART-R2

  • AI
    ## ADR370ART-R2: Electronic Component Overview The **ADR370ART-R2** is a high-precision, low-power voltage reference integrated circuit manufactured by **Analog Devices**. It is designed specifically for applications requiring a stable voltage output despite fluctuations in temperature or input power. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 2.048 V | | **Input Voltage Range** | 2.3 V to 18 V | | **Temperature Coefficient** | 50 ppm/°C (Max) | | **Initial Accuracy** | ±5 mV (0.24%) | | **Quiescent Current** | 72 µA (Max) | | **Package Type** | SOT-23-3 | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description The ADR370 belongs to a family of **band gap voltage references**. It utilizes a proprietary architecture that achieves high accuracy and stability without the need for external capacitors in some configurations (though capacitors are recommended for noise reduction). #### Main Internal Components: * **Band Gap Core:** Provides the stable 2.048V reference by balancing the temperature coefficients of two bipolar transistors. * **Error Amplifier:** Maintains the output voltage by comparing it against the internal reference and adjusting the output driver. * **Output Stage:** Designed to drive loads up to 5mA while maintaining low dropout voltage. --- ### 3. Pin Configuration (SOT-23) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **$V_{in}$** | Input Voltage Supply | | 2 | **$V_{out}$** | Reference Output Voltage | | 3 | **GND** | Ground | --- ### 4. Typical Application Circuit The device is often used to provide a reference for Analog-to-Digital Converters (ADCs). The 2.048V output is particularly useful because it corresponds to exactly 0.5mV per bit in a 12-bit ADC ($2.048 / 4096$). ```c // Simplified Circuit Representation [Input Supply 5V] ----> [ Pin 1 (Vin) ] | [ ADR370ART-R2 ] ----> [ Pin 2 (Vout: 2.048V) ] | | [ Pin 3 (GND) ] [ 0.1uF Capacitor ] | | --- Ground --- --- Ground --- ``` --- ### 5. Notable Features * **Low Power Consumption:** With a maximum supply current of 72 µA, it is ideal for battery-powered handheld devices. * **High Supply Rejection:** It effectively filters out noise from the input power supply. * **Small Footprint:** The SOT-23 package allows for dense PCB layouts.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADR370 and the ADR340 series?
    • ⤷ How does the temperature coefficient affect the precision of an ADC measurement?
    • ⤷ Are there specific layout recommendations for minimizing noise in this IC?