ADR365WAUJZ-R7
AI

The **ADR365WAUJZ-R7** is a precision, low power, low noise voltage reference manufactured by **Analog Devices (ADI)**. It is part of the ADR36x family, specifically designed for high-accuracy applications in automotive and industrial environments.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 5.0 V |
| **Input Voltage Range** | 5.3 V to 15 V |
| **Initial Accuracy** | ±0.2% (10 mV) |
| **Temperature Coefficient** | 25 ppm/°C |
| **Output Current** | 5 mA (source) / 2 mA (sink) |
| **Quiescent Current** | 190 µA (max) |
| **Package** | TSOT-23-5 (AUJZ) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Significant Features
* **Automotive Grade:** The "W" in the part number signifies that it is qualified for automotive applications (**AEC-Q100**).
* **Low Noise:** It provides a very clean voltage output with low high-frequency noise, essential for high-resolution data converters (ADCs/DACs).
* **No External Capacitor Required:** It is stable even without a large output capacitor, saving PCB space, though one can be added for improved transient response.
* **Low Dropout:** The device can operate with a very small difference between input and output voltage (300 mV).
---
### 3. Pin Configuration (TSOT-23-5)
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Voltage Connection |
| 2 | **GND** | Ground |
| 3 | **SHDN** | Shutdown Pin (Active Low to reduce power) |
| 4 | **NC** | No Connect |
| 5 | **VOUT** | Output Reference Voltage (5.0V) |
---
### 4. Typical Applications
1. **Precision Data Acquisition:** Providing the reference voltage for 12-bit or 16-bit Analog-to-Digital Converters.
2. **Automotive Systems:** Used in Engine Control Units (ECUs) and sensor interfaces where stability over temperature is critical.
3. **Portable Instrumentation:** Due to its low quiescent current and shutdown mode, it is ideal for battery-powered devices.
4. **Industrial Process Control:** Reliable voltage biasing for 4-20mA loops and pressure sensors.
---
### 5. Part Number Breakdown
* **ADR365:** Device Series (5.0V Output).
* **W:** Automotive Qualified.
* **AUJZ:** Package type (TSOT-5).
* **R7:** Tape and Reel packaging (7-inch reel).
- ⤷
How does the ADR365 compare to the ADR362 in terms of output voltage?
- ⤷ What is the impact of the SHDN pin on power consumption?
- ⤷ Are there specific layout recommendations to maintain the 25 ppm/°C temperature coefficient?