ADR363BUJZ-R2
AI

The **ADR363BUJZ-R2** is a high-precision, low-power, low-noise voltage reference integrated circuit manufactured by **Analog Devices**. It is part of the ADR36x family, known for its small form factor and excellent temperature stability.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the ADR363BUJZ-R2:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 3.0 V |
| **Initial Accuracy** | ±0.1% (B-Grade) |
| **Temperature Coefficient** | 9 ppm/°C (Maximum) |
| **Input Voltage Range** | 3.3 V to 15 V |
| **Supply Current** | 190 µA (Maximum) |
| **Output Current Drive** | +5 mA (source) / -1 mA (sink) |
| **Package Type** | TSOT-23-5 (UJ-5) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Functional Parts and Features
#### A. Bandgap Reference Core
The heart of the device is a refined bandgap architecture. Unlike standard references, the ADR36x family utilizes proprietary curvature correction techniques to minimize the "drift" or change in voltage as the ambient temperature fluctuates.
#### B. Low Dropout (LDO) Characteristics
The chip acts similarly to a high-precision LDO. It requires a very low "headroom" (voltage difference between input and output), allowing it to provide a stable 3.0V output from an input as low as 3.3V.
#### C. Shutdown Pin ($SD$)
The "UJ-5" package includes a shutdown pin. When pulled low, the device enters a low-power mode, reducing current consumption to less than **3 µA**, which is critical for battery-operated IoT devices.
---
### 3. Pin Configuration (TSOT-23-5)
| Pin No. | Mnemonic | Description |
| :--- | :--- | :--- |
| 1 | **$V_{in}$** | Input Voltage Supply |
| 2 | **GND** | Ground |
| 3 | **SD** | Shutdown (Active Low) |
| 4 | **NC** | No Internal Connection |
| 5 | **$V_{out}$** | Reference Voltage Output |
---
### 4. Application Use-Cases
* **Precision Data Converters:** Providing the reference voltage for 14-bit and 16-bit ADCs (Analog-to-Digital Converters).
* **Portable Instrumentation:** Due to the low 190 µA current draw.
* **Industrial Process Control:** Where temperature fluctuations are common and high stability (9 ppm/°C) is required.
* **Smart Sensors:** Used in automotive or environmental monitoring systems.
---
### 5. Decoding the Part Number
* **ADR363**: The series (3.0V Output version).
* **B**: Grade (Higher accuracy/lower drift than 'A' grade).
* **UJZ**: Package Code (TSOT-23-5).
* **R2**: Reel size/Quantity (typically 250 units per reel).
- ⤷
What is the difference between the A-grade and B-grade versions of this IC?
- ⤷ How does the noise performance of the ADR363 compare to standard Zener references?
- ⤷ What specific capacitors are recommended for the input and output pins to ensure stability?