ADR360AUJZ-R2
AI

## Technical Overview: ADR360AUJZ-R2
The **ADR360AUJZ-R2** is a high-precision, low-power voltage reference manufactured by **Analog Devices**. It belongs to the ADR36x family, known for its small footprint and high stability, making it ideal for battery-powered and space-constrained applications.
---
### 1. Key Technical Specifications
| Parameter | Value / Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 2.048 V |
| **Input Voltage Range** | 2.3 V to 15 V |
| **Initial Accuracy** | ±0.15% (3 mV) |
| **Temperature Coefficient** | 25 ppm/°C |
| **Supply Current** | 190 µA (Maximum) |
| **Output Current Capability** | 5 mA (Source) / 1 mA (Sink) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | TSOT-23-5 (UJ-5) |
---
### 2. Core Functional Components
The internal architecture of the ADR360 involves several critical stages to ensure a stable output:
1. **Bandgap Reference Core:** Uses the predictable thermal properties of silicon transistors to create a stable constant voltage.
2. **Error Amplifier:** Monitors the output and adjusts it against the internal reference to maintain the 2.048V level despite load changes.
3. **Output Buffer:** Provides the drive capability to source or sink current without affecting the precision of the reference.
4. **Shutdown Circuitry:** Includes a shutdown pin (optional in some variants) to reduce current consumption to less than 1 µA.
---
### 3. Application Use Cases
Because the output voltage is exactly **2.048 V**, it is specifically designed for 12-bit Analog-to-Digital Converters (ADCs). In a 12-bit system, 2.048 V creates an easy-to-calculate **LSB (Least Significant Bit) size of exactly 0.5 mV**.
* **Portable Instrumentation:** Handheld meters and battery-operated sensors.
* **Data Acquisition Systems:** Providing a steady reference for precision ADCs and DACs.
* **Industrial Process Control:** Used in 4-20mA loop-powered transmitters.
* **Automotive Systems:** Battery monitoring and ECU sensor referencing.
---
### 4. Implementation Example (Basic Circuit)
To use the ADR360, a decoupling capacitor is recommended at the input and output for stability.
```c
// Connection Logic:
Pin 1 (VIN): Connect to 2.3V - 15V Source (0.1uF Cap to GND)
Pin 2 (GND): Connect to System Ground
Pin 3 (EN): Connect to VIN to Enable (or Logic High)
Pin 4 (NC): No Connection
Pin 5 (VOUT): 2.048V Precision Output (0.1uF to 10uF Cap to GND)
```
---
- ⤷
What are the main differences between the ADR360 and the ADR361 versions?
- ⤷ How does temperature drift affect the 2.048V output in a real-world environment?
- ⤷ What is the significance of the 'R2' suffix in the part number?