ADR3533WARMZ-R7
AI

The **ADR3533WARMZ-R7** is a high-precision, low-power, CMOS voltage reference manufactured by **Analog Devices (ADI)**. It is part of the ADR35xx family, specifically designed for automotive and industrial applications requiring high stability and low noise.
---
### ## Technical Specifications
The following table summarizes the key electrical characteristics of the ADR3533:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 3.3 V |
| **Initial Accuracy** | ±0.1% (Max) |
| **Temperature Coefficient** | 5 ppm/°C (Grade B), 10 ppm/°C (Grade A) |
| **Operating Supply Voltage** | 3.5 V to 5.5 V |
| **Quiescent Current** | 100 μA (Max) |
| **Load Current Drive** | 10 mA (Source) / 3 mA (Sink) |
| **Package Type** | 8-lead MSOP |
| **Operating Temperature** | -40°C to +125°C |
---
### ## Key Features
The "WARMZ" suffix indicates specific attributes critical for engineering selection:
1. **Automotive Grade:** The **'W'** denotes that this part is qualified for automotive applications (AEC-Q100).
2. **Low Dropout (LDO):** It requires a very small "headroom" (only 200mV above the output voltage) to maintain regulation.
3. **High Stability:** It offers excellent long-term drift performance and thermal hysteresis, ensuring the 3.3V output remains constant over the life of the product.
4. **Low Noise:** Designed to minimize spectral noise, making it ideal for high-resolution Data Converters (ADC/DAC).
---
### ## Pin Configuration (8-Lead MSOP)
While the device is in an 8-pin package, several pins are functionally specific:
* **$V_{in}$:** Input Voltage Supply.
* **$V_{out}$:** Reference Voltage Output (3.3V).
* **GND:** Ground Reference.
* **NC:** No Internal Connection (usually left floating or grounded for better thermal dissipation).
---
### ## Application Use Cases
The ADR3533 is typically found in precision electronic systems such as:
* **ADAS Systems:** Providing stable references for automotive sensors.
* **Precision Data Acquisition:** Acting as the voltage reference for 16-bit or 24-bit ADCs.
* **Battery Monitoring:** Used in EV/HEV battery management systems (BMS).
* **Instrumentation:** Portable medical or industrial testing equipment.
---
### ## Part Number Breakdown
```text
ADR3533 W A R M Z - R7
| | | | | | | | |
| | | | | | | | +-- Tape & Reel (7-inch)
| | | | | | | +----- RoHS Compliant
| | | | | | +------- MSOP Package
| | | | | +--------- Operating Temp (-40 to +125°C)
| | | | +----------- Reliability Grade
| | | +------------- Automotive Qualified
| | +--------------- Voltage Option (33 = 3.3V)
| +------------------ Product Series (Low Power CMOS)
+--------------------- Analog Devices Prefix
```
- ⤷
What is the difference between the 'A' and 'B' grade versions of this component?
- ⤷ What are the recommended bypass capacitor values for the ADR3533 output?
- ⤷ How does the dropout voltage affect the minimum input voltage requirement?