công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADR3530WARMZ-R7

  • AI
    ## Technical Overview: ADR3530WARMZ-R7 The **ADR3530WARMZ-R7** is a high-precision, low-power, low-noise CMOS voltage reference. It is part of the ADR35xx family manufactured by **Analog Devices**. This specific part is highly regarded for its stability and is frequently used in automotive and industrial applications. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Output Voltage** | 3.0 V | | **Initial Accuracy** | ±0.1% (Maximum) | | **Temperature Coefficient** | 5 ppm/°C (A-Grade) to 10 ppm/°C (B-Grade) | | **Input Voltage Range** | 3.3 V to 5.5 V | | **Quiescent Current** | 100 µA (Maximum) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 8-Lead MSOP (Micro Small Outline Package) | --- ### 2. Detailed Component Breakdown #### A. Architecture and Technology The device utilizes a proprietary **CMOS (Complementary Metal-Oxide-Semiconductor)** design. Unlike older bipolar references, this allows for extremely low power consumption while maintaining high output current drive capability (up to 10 mA). #### B. Decoding the Part Number Understanding the suffix and prefix helps identify the specific variant: * **ADR3530**: Product series and 3.0V output voltage. * **W**: Indicates "Automotive Grade" (Qualified for AEC-Q100). * **ARMZ**: Designates the MSOP-8 package and RoHS compliance. * **R7**: Indicates the packaging format (7-inch Tape and Reel, typically 1,000 pieces). #### C. Performance Characteristics 1. **Low Noise:** It features low 1/f noise (typically 30 µV p-p from 0.1 Hz to 10 Hz), making it ideal for high-resolution Data Converters (ADCs/DACs). 2. **Hysteresis:** It has very low thermal hysteresis, ensuring that the voltage returns to the same value after temperature cycling. 3. **Line/Load Regulation:** Exceptional stability even when the input voltage fluctuates or the load current changes. --- ### 3. Application Circuits When integrating this part, it is standard practice to use decoupling capacitors to ensure stability. ```c // Typical Connection Diagram // [VIN] ---- [IN (Pin 2)] ---- [C1: 0.1uF to 10uF] ---- [GND] // | // [ADR3530WARMZ] // | // [VOUT] --- [OUT (Pin 6)] --- [C2: 0.1uF to 10uF] ---- [GND] ``` --- ### 4. Common Use Cases * **Automotive Systems:** Battery management systems (BMS), powertrain controls, and ADAS sensors. * **Precision Data Acquisition:** Providing a stable reference for 16-bit or 18-bit ADCs. * **Portable Instrumentation:** Due to the low 100 µA supply current, it is excellent for battery-powered devices. ---
    ✨ Follow-up Questions
    • ⤷What are the main differences between the ADR3530 and the ADR3525?
    • ⤷ How does the 'W' rating affect the testing and reliability of this component?
    • ⤷ What is the recommended layout strategy to minimize thermal drift for this MSOP package?