ADR03AUJ-R2
AI

## ADR03AUJ-R2: Electronic Component Overview
The **ADR03AUJ-R2** is a precision band gap voltage reference manufactured by **Analog Devices**. It is designed for high-accuracy applications where stability and low noise are critical.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the ADR03AUJ-R2:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{OUT}$)** | 2.5 V |
| **Input Voltage Range** | 4.5 V to 36 V |
| **Initial Accuracy** | ±5 mV (0.2%) |
| **Temperature Coefficient** | 10 ppm/°C (Grade A) |
| **Output Current** | 10 mA (Source) / -1 mA (Sink) |
| **Quiescent Current** | 1 mA (Maximum) |
| **Package Type** | TSOT-23-5 (5-lead) |
| **Temperature Range** | -40°C to +125°C |
---
### 2. Core Functional Components
The internal architecture of the ADR03 series focuses on three main elements:
* **Band Gap Reference Core:** Utilizes the predictable energy gap of silicon to provide a stable 2.5V output regardless of temperature changes.
* **Low-Dropout (LDO) Output Stage:** Allows the device to maintain a steady voltage even if the input voltage is only slightly higher than the output voltage.
* **Thermal Protection:** Includes internal circuitry to prevent damage due to overheating or excessive current draw.
---
### 3. Pin Configuration (TSOT-23-5)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1 | **NC** | No internal connection. |
| 2 | **GND** | Ground reference. |
| 3 | **NC** | No internal connection. |
| 4 | **$V_{IN}$** | Input supply voltage (4.5V to 36V). |
| 5 | **$V_{OUT}$** | Regulated 2.5V output. |
---
### 4. Typical Applications
Due to its high precision and wide input voltage range, the ADR03AUJ-R2 is commonly used in:
1. **Precision Data Acquisition:** Providing the reference voltage for 12-bit to 16-bit ADCs (Analog-to-Digital Converters).
2. **Industrial Process Control:** Used in 4-20mA loop transmitters and PLC modules.
3. **Portable Instrumentation:** Because of its small form factor (TSOT-23) and low power consumption.
4. **Medical Equipment:** High-stability requirements for monitoring and diagnostics.
---
### 5. Part Number Breakdown
* **ADR03**: Device series (2.5V Output).
* **A**: Grade (10 ppm/°C temperature coefficient).
* **UJ**: Package designator (TSOT-23-5).
* **R2**: Tape and Reel packaging (typically 250 units).
- ⤷
What are the main differences between the ADR03 and ADR02 models?
- ⤷ How does the temperature coefficient affect the precision of the output in harsh environments?
- ⤷ Can you provide a basic circuit diagram for connecting this to a 12-bit ADC?