ADR01AKS-R2
AI

## ADR01AKS-R2: High Precision Voltage Reference
The **ADR01AKS-R2** is a precision bandgap voltage reference manufactured by Analog Devices. It is designed to provide a highly stable 10.0V output, making it suitable for high-resolution data acquisition systems and instrumentation.
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Output Voltage ($V_{out}$)** | 10.0 V |
| **Input Voltage Range** | 12.0 V to 36.0 V |
| **Initial Accuracy** | ±0.1% (Grade A) |
| **Temperature Coefficient** | 25 ppm/°C (Max) |
| **Output Current Capability** | 10 mA (Source) |
| **Quiescent Current** | 1 mA (Max) |
| **Package Type** | SC-70 (5-lead) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Features
* **Low Noise:** It features very low wideband noise, which is critical for maintaining the Signal-to-Noise Ratio (SNR) in 14-bit or 16-bit Analog-to-Digital Converters (ADCs).
* **High Stability:** The device utilizes a patented temperature drift curvature correction technique and laser trimming to minimize voltage changes over time and temperature.
* **Small Footprint:** The **AKS** suffix denotes the SC-70 package, which is significantly smaller than standard SOT-23 packages, saving valuable PCB space.
* **No External Capacitors Required:** While output capacitors can be added to improve transient response, the device is stable without them.
---
### 3. Pin Configuration (SC-70)
The ADR01AKS typically follows this standard layout:
| Pin Number | Name | Description |
|:---:|:---:|:---|
| 1 | **TP** | Test Point (Leave unconnected or used for trimming) |
| 2 | **GND** | Ground |
| 3 | **TRIM** | Fine adjustment of the output voltage |
| 4 | **VIN** | Input Supply Voltage |
| 5 | **VOUT** | Precision Reference Output |
---
### 4. Common Applications
1. **Precision Data Converters:** Used as the external reference for high-accuracy ADCs and DACs.
2. **Industrial Process Control:** Reliable voltage source for 4-20mA loop transmitters.
3. **Instrumentation:** Used in handheld or battery-powered measurement devices where precision is paramount.
4. **Medical Equipment:** Monitoring systems requiring stable baselines.
---
### 5. Part Number Breakdown
`ADR01` + `A` + `KS` + `-R2`
* **ADR01:** Series name (10V output family).
* **A:** Accuracy Grade (Initial accuracy/drift performance).
* **KS:** Package designator (SC-70 / 5-lead).
* **R2:** Packaging format (Typically refers to 7-inch reel size/quantity).
---
- ⤷
What is the difference between the ADR01 and the ADR02 or ADR03 variants?
- ⤷ How can the TRIM pin be used to calibrate the output voltage?
- ⤷ What are the power supply rejection ratio (PSRR) characteristics of this part?