ADPL40502ACPZ-1.8-R7
AI

The **ADPL40502ACPZ-1.8-R7** is a precision, low-power shunt voltage reference. These components are primarily used to provide a stable, constant voltage reference in analog-to-digital converters (ADCs), digital-to-analog converters (DACs), and sensor circuits.
---
### 1. General Specifications
The following table outlines the key technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. (ADI) |
| **Reference Voltage** | 1.8V (Fixed) |
| **Output Type** | Shunt Reference |
| **Tolerance** | ±0.1% to ±0.5% (Depending on grade) |
| **Temperature Coefficient** | 50 ppm/°C (Typical) |
| **Operating Current Range** | 60 µA to 15 mA |
| **Package / Case** | LFCSP-6 (Lead Frame Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Breakdown of Part Number Nomenclature
Understanding the suffix codes helps identify the packaging and voltage variation:
* **ADPL40502**: The series identifier (High-precision shunt reference).
* **ACPZ**: Indicates the package type (LFCSP) and RoHS compliance (Lead-free).
* **1.8**: The fixed output voltage (1.8 Volts).
* **R7**: Refers to the Tape & Reel packaging (usually a 7-inch reel).
---
### 3. Key Electronic Characteristics
#### Shunt Topology
Unlike a "series" reference (which acts like a regulator), a **shunt** reference operates like a Zener diode. It is connected in parallel with the load. It requires an external resistor to set the input current, making it highly versatile for circuits with wide input voltage ranges.
#### Low Power Consumption
With a minimum operating current of only **60 µA**, this part is ideal for battery-powered applications where power efficiency is critical.
#### Stability
The device is designed to be stable with or without a capacitive load. However, adding a small decoupling capacitor (0.1 µF) is standard practice to reduce high-frequency noise.
---
### 4. Typical Applications
* **Portable Instrumentation:** Handheld meters requiring stable references.
* **Data Acquisition Systems:** Providing the "yardstick" for ADC conversions.
* **Process Control:** Ensuring accuracy in industrial 4-20mA loops.
* **Power Supplies:** Used as a reference for feedback error amplifiers.
---
- ⤷
What is the difference between a shunt reference and a series reference in circuit design?
- ⤷ How do I calculate the external resistor value needed for this 1.8V reference?
- ⤷ Are there alternative voltage options available in the ADPL40502 series?