công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADPD2210ACPZ-R7

  • AI
    ### ADPD2210ACPZ-R7: Technical Overview The **ADPD2210ACPZ-R7** is a high-performance optical sensor component manufactured by Analog Devices. It is specifically an **Ultra-Low Noise Current Amplifier** optimized for use with photodiodes in medical and industrial sensing applications. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Transimpedance Amplifier (TIA) / Current Amplifier | | **Supply Voltage** | 2.7V to 5.5V | | **Output Type** | Single-Ended / Voltage | | **Bandwidth** | 400 kHz | | **Noise Floor** | 80 fA/√Hz (at 10 kHz) | | **Power Consumption** | ~1.1 mA (Active Mode) | | **Package** | 6-Lead LFCSP (Lead Frame Chip Scale Package) | --- ### Core Functional Features 1. **Ultra-Low Noise Floor:** The primary strength of the ADPD2210 is its ability to amplify extremely small currents (picoamps to nanoamps) from a photodiode without introducing significant electronic noise. This is critical for high-sensitivity optical measurements. 2. **Linearity:** It provides a highly linear response over a wide dynamic range, ensuring that the output voltage is proportional to the input light intensity. 3. **Power Efficiency:** Designed for battery-operated devices, it consumes very little power and features a "power-down" mode to conserve energy when not in use. 4. **Small Form Factor:** The 2.0mm x 2.0mm LFCSP package makes it suitable for wearable technology where board space is limited. --- ### Application Use Cases This part is commonly found in circuits requiring precise optical detection: * **Medical Wearables:** Heart rate monitoring (PPG), pulse oximetry (SpO2), and glucose monitoring. * **Industrial Sensing:** Chemical analysis, smoke detection, and proximity sensing. * **Communication:** Low-speed optical data links. --- ### Typical Circuit Integration In a typical application, the ADPD2210 is placed between a photodiode and an Analog-to-Digital Converter (ADC). ```python # Conceptual signal flow for ADPD2210 Light_Source -> Photodiode -> (Input: Current) -> ADPD2210 -> (Output: Voltage) -> ADC -> MCU ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the pin configurations for the 6-lead LFCSP package of the ADPD2210?
    • ⤷ How does the ADPD2210 compare to the ADPD2211 in terms of bandwidth?
    • ⤷ Can you provide a recommended circuit diagram for a PPG application using this chip?