công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADPA7002CHIP

  • AI
    ## Overview of the ADPA7002CHIP The **ADPA7002CHIP** is a high-performance, Gallium Arsenide (GaAs), pseudomorphic HEMT (pHEMT), Monolithic Microwave Integrated Circuit (MMIC). It is primarily designed as a power amplifier for high-frequency applications, specifically operating within the **18 GHz to 44 GHz** range. --- ### Technical Specifications The following table summarizes the key electronic characteristics of the ADPA7002CHIP: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 18 GHz to 44 GHz | | **Gain** | 15 dB (Typical) | | **Output P1dB** | 28 dBm | | **Saturated Output Power (Psat)** | 31 dBm | | **Supply Voltage (Vdd)** | 5V | | **Supply Current (Idq)** | 600 mA | | **Technology** | GaAs pHEMT | | **Package Type** | Die (CHIP) | --- ### Key Electronic Components & Internal Features 1. **GaAs pHEMT Technology**: The core of the chip uses Gallium Arsenide pHEMT, which allows for high electron mobility. This is essential for achieving high gain and power efficiency at millimeter-wave (mmWave) frequencies. 2. **Integrated Matching Circuitry**: The chip includes on-chip radio frequency (RF) matching components. This means the input and output impedances are matched to **50 $\Omega$**, simplifying the integration into larger systems without needing extensive external tuning. 3. **DC Blocking Capacitors**: It typically features integrated capacitors to prevent DC bias from interfering with the RF signal path. 4. **Bias Control**: The device requires a negative gate voltage ($V_{gg}$) and a positive drain voltage ($V_{dd}$). It is designed for Class AB operation to balance linearity and efficiency. --- ### Applications Because of its wide bandwidth and high power density, the ADPA7002CHIP is used in several critical sectors: * **Military & Aerospace**: Radar systems and electronic warfare (EW). * **Telecommunications**: 5G millimeter-wave backhaul and satellite communications (Satcom). * **Instrumentation**: High-frequency test equipment and signal generators. --- ### Implementation Requirements When working with this component, specific environmental and electronic precautions must be taken: * **Heat Dissipation**: Due to the high current density, the die must be attached to a high-thermal-conductivity material (like Copper Tungsten or Diamond) to prevent thermal runaway. * **ESD Sensitivity**: As a GaAs device, it is extremely sensitive to Electrostatic Discharge (ESD). Class 0 handling procedures are mandatory. * **Wire Bonding**: Connection to the rest of the circuit requires precision gold wire bonding (typically 1 mil diameter).
    ✨ Follow-up Questions
    • ⤷ What are the specific biasing sequences required to prevent damage to the ADPA7002CHIP?
    • ⤷ How does the gain flatness of this chip behave across the 18-44 GHz spectrum?
    • ⤷ What are the thermal management best practices for mounting this GaAs die?