ADP8140ACPZ-2-R7
AI

The **ADP8140ACPZ-2-R7** is a high-performance, multi-channel LED driver designed and manufactured by Analog Devices. It is specifically optimized for high-brightness LED applications, offering precise current control and robust protection features.
---
## 1. Technical Specifications
The following table summarizes the primary electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 3.0 V to 30 V |
| **Number of Output Channels** | 4 Channels |
| **Output Current** | Up to 500 mA per channel |
| **Interface** | PWM (Pulse Width Modulation) |
| **Package Type** | LFCSP (Lead Frame Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Key Internal Electronic Features
The internal architecture of the ADP8140 allows it to manage power efficiently while protecting sensitive LED arrays.
### A. High-Side Current Sensing
The device integrates high-side current sensing, which allows for simplified PCB routing and better performance in applications where the LED cathode might be grounded or connected to a common chassis.
### B. Adaptive Feedback Control
It features a feedback pin that communicates with an external DC-DC converter (like a boost regulator). This allows the system to adjust the LED supply voltage to the minimum level required to maintain current regulation, significantly reducing power dissipation and heat.
### C. Fault Protection Mechanisms
* **Open LED Protection:** Detects if a string is disconnected to prevent overvoltage.
* **Short-Circuit Protection:** Shuts down the channel if a short is detected.
* **Thermal Shutdown:** Protects the IC from permanent damage if internal temperatures exceed safety limits.
---
## 3. Pinout and Packaging Information
The **"ACPZ-2-R7"** suffix provides specific details about the physical implementation:
* **ACPZ:** Indicates the Lead Frame Chip Scale Package (LFCSP), which offers excellent thermal dissipation in a small footprint.
* **-2:** Refers to the specific configuration or voltage/current trim variant within the family.
* **R7:** Denotes that the part is supplied on a 7-inch Tape and Reel (usually 1,500 units).
---
## 4. Typical Application Diagram Concept
In a standard circuit, the ADP8140 acts as the "controller" for the LED strings:
```text
[DC-DC Boost] ----> [LED String 1] ----> [ADP8140 Channel 1]
|--> [LED String 2] ----> [ADP8140 Channel 2]
|--> [LED String 3] ----> [ADP8140 Channel 3]
`--> [LED String 4] ----> [ADP8140 Channel 4]
^
| (Feedback Loop to DC-DC)
```
- ⤷
What are the specific advantages of using adaptive feedback control in LED drivers?
- ⤷ How does the LFCSP package compare to traditional SOIC packages regarding thermal management?
- ⤷ Can the ADP8140 be used for automotive lighting applications?