AI

## Overview of the ADP7183ACPZN3.3-R7
The **ADP7183ACPZN3.3-R7** is a high-performance, low-noise, CMOS linear regulator (LDO) designed by Analog Devices. It is specifically engineered to operate from a negative input voltage, providing a stable, regulated negative output voltage.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | -2.0 V to -5.5 V |
| **Fixed Output Voltage** | -3.3 V |
| **Maximum Output Current** | 300 mA |
| **PSRR (Power Supply Rejection Ratio)** | 75 dB at 10 kHz; 62 dB at 1 MHz |
| **Low Noise** | 4 μV rms (100 Hz to 100 kHz) |
| **Dropout Voltage** | 130 mV (at 300 mA load) |
| **Operating Temperature** | -40°C to +125°C |
| **Package** | 8-lead LFCSP (2 mm × 2 mm) |
---
### Core Electronic Features
#### 1. Low Noise and High PSRR
This LDO is optimized for noise-sensitive applications. The high PSRR allows it to filter out ripples from switching power supplies, making it ideal for powering sensitive analog circuits like ADCs, DACs, and precision amplifiers.
#### 2. Negative Voltage Regulation
Unlike standard LDOs that handle positive voltages, the ADP7183 is a **negative voltage regulator**. It is used in bipolar power supply rails (e.g., ±5V systems) to provide the negative 3.3V rail.
#### 3. Precision Enable and Power Good
- **Enable (EN) Pin:** Allows for digital control to turn the regulator on or off.
- **Power Good (PG):** An open-drain output that goes high when the output voltage is within 90% of its nominal value, useful for power sequencing.
#### 4. Protection Circuitry
The device includes internal protection features to ensure longevity and reliability:
* **Current-Limit Protection:** Prevents damage during overcurrent conditions.
* **Thermal Shutdown (TSD):** Shuts down the device if the junction temperature exceeds safe limits.
---
### Typical Application Circuit
To operate the ADP7183, minimal external components are required. Small ceramic capacitors are recommended for stability.
```markdown
Vin (Negative) ----[ Cin: 2.2uF ]----| ADP7183 |----[ Cout: 2.2uF ]---- Vout (-3.3V)
| GND |
```
---
### Common Applications
* **Regulation to noise-sensitive applications:** ADC and DAC circuits, precision amplifiers.
* **Communications and Infrastructure:** Base stations and optical modules.
* **Medical and Instrumentation:** High-speed data acquisition systems.
- ⤷
What are the layout considerations for the LFCSP package to ensure thermal stability?
- ⤷ Can the output voltage be adjusted
- ⤷ or is it fixed at -3.3V for this specific model?
- ⤷ How does the PSRR performance change at frequencies higher than 1 MHz?