ADP7158ARDZ-3.3-R7
AI

The **ADP7158ARDZ-3.3-R7** is a high-performance, ultra-low noise, high Power Supply Rejection Ratio (PSRR) linear regulator (LDO) manufactured by Analog Devices. It is specifically designed to provide clean power to noise-sensitive precision analog circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 3.3 V (Fixed) |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Maximum Output Current** | 2 A |
| **Noise (100 Hz to 100 kHz)** | 1.7 µV rms |
| **PSRR (at 100 kHz)** | > 50 dB |
| **Dropout Voltage** | 120 mV (Typical at 2 A) |
| **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Features & Components
The internal architecture of the ADP7158 includes several critical electronic stages to ensure high-fidelity power delivery:
#### A. Ultra-Low Noise Reference
The device utilizes a proprietary architecture that keeps the output noise as low as **1.7 µV rms**. This is essential for powering high-speed ADCs (Analog-to-Digital Converters) and RF components where voltage fluctuations translate directly into signal errors.
#### B. Error Amplifier & Feedback Loop
The internal error amplifier compares the output voltage against the internal reference. It is optimized for fast transient response, allowing the LDO to maintain a stable 3.3V even if the input voltage or the load current changes rapidly.
#### C. Power Pass Transistor (PMOS)
The part uses a high-capacity PMOS pass element. Because it is a PMOS-based LDO, it features a very low dropout voltage (120 mV), meaning the input voltage only needs to be slightly higher than 3.3V to function correctly.
#### D. Protection Circuitry
* **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safe limits.
* **Short-Circuit Protection:** Limits the current to prevent damage during a fault.
* **Precision Enable (EN):** Allows for controlled sequencing of power rails.
---
### 3. Application Use Cases
Due to its 2A current capacity and low noise profile, this part is commonly found in:
* **Phase-Locked Loops (PLLs)** and Voltage Controlled Oscillators (VCOs).
* **RF Transceivers** and high-speed clock generators.
* **Medical Imaging** equipment where signal integrity is paramount.
* **Precision Instrumentation** and data acquisition systems.
---
### 4. Implementation Example (Basic Circuit)
To use this part effectively, input and output capacitors are required for stability.
```markdown
Vin (5.0V) ----[ C_IN: 10uF ]----| ADP7158 |----[ C_OUT: 10uF ]---- Vout (3.3V)
| GND |
```
*Note: The "R7" in the part number refers to the 7-inch tape and reel packaging format.*
- ⤷
What is the significance of the 'Exposed Pad' in the 8-Lead SOIC package for this LDO?
- ⤷ How does the 1.7 µV rms noise level compare to standard industrial LDOs?
- ⤷ Can the ADP7158 be used for negative voltage regulation?