ADP7158ARDZ-3.0-R7
AI

The **ADP7158ARDZ-3.0-R7** is a high-performance, ultra-low noise, high Power Supply Rejection Ratio (PSRR) linear regulator (LDO) manufactured by Analog Devices. It is specifically designed to provide clean power to noise-sensitive precision analog circuits.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | Fixed 3.0V |
| **Input Voltage Range** | 2.3V to 5.5V |
| **Maximum Output Current** | 2.0 A |
| **RMS Noise (10 Hz to 100 kHz)** | 0.9 µV rms |
| **PSRR (at 100 kHz)** | > 60 dB |
| **Dropout Voltage (at 2A)** | 120 mV (Typical) |
| **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) |
---
### 2. Core Features & Functional Blocks
The internal architecture of the ADP7158 is engineered to suppress noise from the input supply while maintaining a very low internal noise floor.
* **Ultra-Low Noise Architecture:** It utilizes a proprietary architecture that keeps the output noise independent of the output voltage.
* **High Current Capability:** Unlike many low-noise LDOs that are limited to 500mA, this part supports up to **2 Amperes**, making it suitable for powering high-speed ADCs or RF power amplifiers.
* **Precision Enable:** Allows the device to be turned on/off with logic-level signals, useful for power sequencing.
* **Thermal Management:** The "ARDZ" suffix indicates an 8-lead SOIC package with an **Exposed Pad (EP)**. This metal pad must be soldered to the PCB ground plane to dissipate heat generated by the 2A current load.
---
### 3. Pin Configuration
The 8-lead SOIC package utilizes the following pinout:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VOUT** | Regulated Output Voltage (3.0V). |
| 2 | **VOUT** | Regulated Output Voltage (Internal redundant connection). |
| 3 | **VIN** | Input Supply Voltage. |
| 4 | **VIN** | Input Supply Voltage. |
| 5 | **EN** | Enable Input. Drive high to turn on the regulator. |
| 6 | **REF** | Reference Filter. Connect a capacitor to reduce noise. |
| 7 | **REF_S** | Reference Sense. Connect to the REF pin. |
| 8 | **GND** | Ground. |
| EP | **PAD** | Exposed Pad. Must be connected to GND for thermal relief. |
---
### 4. Typical Applications
Because of its combination of high current and ultra-low noise, it is frequently found in:
1. **Communication Infrastructure:** Powering phase-locked loops (PLLs) and Voltage Controlled Oscillators (VCOs).
2. **Medical Imaging:** Precision ultrasound and MRI signal processing.
3. **Data Acquisition:** High-resolution 16-bit to 24-bit Analog-to-Digital Converters (ADCs).
- ⤷
What are the recommended capacitor values for the REF and VOUT pins to ensure stability?
- ⤷ How does the 'R7' suffix in the part number affect the packaging/ordering?
- ⤷ What is the maximum power dissipation calculation for this SOIC_N_EP package?