ADP7158ACPZ-1.2-R7
AI

## Overview of ADP7158ACPZ-1.2-R7
The **ADP7158ACPZ-1.2-R7** is a high-performance, Ultra-Low Noise, High Power Supply Rejection Ratio (PSRR) Linear Regulator (LDO). It is manufactured by **Analog Devices Inc.** and is specifically designed for noise-sensitive applications where a clean voltage rail is critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 1.2 V (Fixed) |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Maximum Output Current** | 2 A |
| **Noise Performance** | 1.6 μV rms (10 Hz to 100 kHz) |
| **PSRR** | >60 dB at 100 kHz; 40 dB at 1 MHz |
| **Package Type** | 10-lead LFCSP (3mm x 3mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Characteristics
* **Ultra-Low Noise:** With a noise density of roughly **1.7 nV/√Hz** above 10 kHz, it is ideal for powering sensitive analog components like high-speed ADCs/DACs and precision clocks.
* **High Current Capability:** Unlike many low-noise LDOs that are limited to 150mA or 500mA, this part supports up to **2 Amperes**, making it suitable for high-performance FPGA cores and RF power amplifiers.
* **Precision Enable:** Features a dedicated precision enable pin to allow for controlled sequencing of power rails.
* **Soft Start:** Includes an internal soft-start capacitor to limit inrush current during startup.
---
### 3. Pinout and Internal Components
The device utilizes a 10-lead Lead Frame Chip Scale Package (LFCSP). Key internal components include:
* **Error Amplifier:** Compares the feedback voltage against an internal reference to maintain regulation.
* **Pass Transistor:** A PMOS element that handles the 2A load.
* **VREF and VREG Pins:** Use external capacitors (typically 10µF) to bypass the internal reference and LDO output for maximum noise reduction.
---
### 4. Typical Application Circuit
To achieve the specified noise performance, external capacitors are required:
```markdown
Vin ----[Cin: 10uF]----[ VIN ] [ VOUT ]----[Cout: 10uF]---- Vout (1.2V)
[ EN ] [ VREG ]----[Creg: 10uF]---- GND
[ GND ] [ VREF ]----[Cref: 10uF]---- GND
```
---
### 5. Common Use Cases
1. **High-Speed Data Converters:** Powering the analog rails of 12-bit to 16-bit ADCs.
2. **RF Infrastructure:** Local oscillators and frequency synthesizers.
3. **Medical Imaging:** Low-noise power for ultrasound and MRI signal chains.
4. **Communications:** Phase-locked loops (PLLs) and clocking distribution.
- ⤷
What are the layout considerations for the LFCSP package to manage heat?
- ⤷ How does the PSRR of the ADP7158 compare to standard LDOs at high frequencies?
- ⤷ Can I use an adjustable version of this LDO if I need a different voltage?