công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP7156ARDZ-3.0-R7

  • AI
    The **ADP7156ARDZ-3.0-R7** is a high-performance, ultra-low noise, high Power Supply Rejection Ratio (PSRR) linear regulator (LDO) manufactured by Analog Devices. It is specifically designed to provide clean power to noise-sensitive precision analog circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Output Voltage** | 3.0 V (Fixed) | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Maximum Output Current** | 1.2 A | | **Noise (10 Hz to 100 kHz)** | 0.9 µV rms | | **PSRR (at 100 kHz)** | 82 dB | | **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Dropout Voltage** | 120 mV (typical at 1.2 A) | --- ### 2. Functional Electronic Components The internal architecture of the ADP7156 consists of several critical stages that ensure its high performance: * **Low Noise Error Amplifier:** This stage compares the feedback voltage to an internal reference. Its high-gain, low-noise design is the primary reason for the device's 0.9 µV rms noise floor. * **Internal Reference:** A highly stable voltage reference that maintains accuracy over temperature and input fluctuations. * **N-channel MOSFET Pass Transistor:** Unlike many LDOs that use P-channel MOSFETs, the ADP7156 uses an N-channel pass element. This allows for lower dropout voltages and better stability with small ceramic capacitors. * **VREG and VREF Pins:** These pins require external bypass capacitors (typically 1 µF to 10 µF) to filter internal noise further. * **Thermal Shutdown & Current Limit:** Protection circuits that prevent the device from failing due to overheating or short-circuit conditions. --- ### 3. Application Use Cases Because of its ultra-clean output, this part is commonly used in: 1. **Phase-Locked Loops (PLLs) and VCOs:** To prevent phase noise. 2. **High-Speed ADCs/DACs:** To maintain high Signal-to-Noise Ratio (SNR). 3. **Precision Instrumentation:** Where power supply ripples could interfere with micro-volt measurements. 4. **Communications Infrastructure:** Such as 5G base stations and RF transceivers. --- ### 4. Implementation Requirements To achieve the datasheet specifications, the following external components are typically required: ```markdown - Input Capacitor (Cin): 10 µF Ceramic (low ESR) - Output Capacitor (Cout): 10 µF Ceramic (low ESR) - Vreg/Vref Capacitors: 1 µF to 10 µF - Precision Grounding: The Exposed Pad (EP) must be soldered to the PCB ground plane for thermal dissipation. ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R7' suffix in the part number?
    • ⤷ How does an N-channel pass transistor differ from a P-channel in LDO design?
    • ⤷ What are the thermal considerations for the SOIC_N_EP package at 1.2A current?