ADP7142ACPZN3.3-R7
AI

The **ADP7142ACPZN3.3-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide a very clean and stable 3.3V output for sensitive analog and mixed-signal circuits.
---
### ## Key Technical Specifications
The following table outlines the primary electrical characteristics of the ADP7142ACPZN3.3-R7:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 3.3 V |
| **Input Voltage Range** | 2.7 V to 40 V |
| **Maximum Output Current** | 200 mA |
| **Dropout Voltage** | 200 mV (typical at 200 mA) |
| **PSRR (Power Supply Rejection Ratio)** | 80 dB at 1 kHz; 60 dB at 100 kHz |
| **Low Noise** | 11 µV rms (10 Hz to 100 kHz) |
| **Package Type** | 6-lead LFCSP (2mm x 2mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### ## Core Features and Components
1. **High Input Voltage Range:** Unlike standard 5V or 12V LDOs, this part can handle up to **40V** at the input. This makes it ideal for industrial systems where high-voltage rails are common.
2. **Ultra-Low Noise:** The internal circuitry is optimized to produce minimal thermal noise. This is critical for powering high-resolution Analog-to-Digital Converters (ADCs) or Radio Frequency (RF) components.
3. **High PSRR:** It is highly effective at filtering out ripples/noise from the input power supply, ensuring that the 3.3V output remains steady even if the input source is "dirty."
4. **Precision Enable (EN):** Includes an enable pin that allows the chip to be shut down via a logic signal to save power (quiescent current drops to less than 1 µA in shutdown).
5. **Soft Start Capability:** Reduces inrush current during startup, preventing sudden voltage dips on the input rail.
---
### ## Typical Application Circuit
To operate this LDO, only a few external capacitors are required to ensure stability and noise filtering.
```mermaid
graph LR
Vin[Input Voltage] --> C1[1uF Ceramic Cap]
C1 --> LDO[ADP7142]
LDO --> C2[2.2uF Ceramic Cap]
C2 --> Vout[3.3V Clean Output]
```
### ## Part Number Breakdown
* **ADP7142:** The base model family.
* **ACPZ:** Denotes the lead-free (RoHS compliant) LFCSP package.
* **N3.3:** Indicates the fixed **3.3V** output version.
* **R7:** Refers to the packaging format (7-inch Tape and Reel, typically 1500 units).
---
- ⤷
What are the main advantages of using a 40V LDO like the ADP7142 over a standard 5V LDO?
- ⤷ How does the LFCSP package affect the thermal management of this component?
- ⤷ Can this regulator be used with tantalum capacitors instead of ceramic ones?