ADP7112ACBZ-3.3-R7
AI

### Overview of the ADP7112ACBZ-3.3-R7
The **ADP7112ACBZ-3.3-R7** is a high-performance, low dropout (LDO) linear regulator produced by Analog Devices. It is specifically designed for high-performance analog and mixed-signal circuits that require a very clean power supply with low noise and high power supply rejection.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | Fixed 3.3 V |
| **Input Voltage Range** | 3.3 V to 20 V |
| **Maximum Output Current** | 200 mA |
| **Dropout Voltage** | 200 mV (typical at 200 mA load) |
| **Low Noise** | 11 μV rms (independent of output voltage) |
| **PSRR (Power Supply Rejection)** | 88 dB at 10 kHz; 50 dB at 1 MHz |
| **Package Type** | 6-ball WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### Core Electronic Characteristics
#### 1. Low Noise Performance
The device is engineered for applications where power supply noise can degrade performance, such as RF components or high-resolution ADCs. It maintains a low noise floor of **11 μV rms** without the need for an external bypass capacitor, saving board space.
#### 2. High PSRR (Power Supply Rejection Ratio)
Its ability to filter out ripples from the input power source (such as switching noise from a DC-DC converter) is excellent. With **88 dB at 10 kHz**, it ensures the output remains stable even if the input is "dirty."
#### 3. Wide Input Voltage Range
Unlike many LDOs that operate only up to 5.5V, the ADP7112 supports up to **20V**. This makes it versatile for industrial applications where a 12V or 15V rail needs to be stepped down to 3.3V.
#### 4. Protection Features
The chip includes several internal safety mechanisms:
* **Current Limit Protection:** Prevents damage during short-circuit conditions.
* **Thermal Shutdown:** Shuts the device off if the junction temperature exceeds safe limits.
* **Reverse Current Protection:** Prevents current from flowing from output to input when the input voltage drops below the output voltage.
---
### Typical Application Circuit
The circuit is highly simplified, requiring only small ceramic capacitors for stability.
```text
Input (3.3V - 20V) ----[ 2.2µF Cap ]---- VIN [ ADP7112 ] VOUT ----[ 2.2µF Cap ]---- Output (3.3V)
EN GND
| |
Enable Pin Ground
```
---
### Common Use Cases
* **Precision Instrumentation:** Powering sensitive sensors.
* **Communication Infrastructure:** Powering PLLs, VCOs, and RF mixers.
* **Medical Equipment:** Low-noise power for diagnostic imaging or monitoring.
* **Space-Constrained Electronics:** The WLCSP package is extremely small, making it ideal for mobile or wearable tech.
- ⤷
What are the layout considerations for the WLCSP package to ensure proper heat dissipation?
- ⤷ How does the ADP7112 compare to the ADP7102 series?
- ⤷ What is the impact of using a capacitor larger than 2.2µF on the output?