công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP7105ACPZ-R7

  • AI
    The **ADP7105ACPZ-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a very clean and stable output voltage from a wide input range, making it ideal for noise-sensitive analog and mixed-signal applications. --- ### ## Technical Specifications Below are the primary electrical characteristics of the ADP7105ACPZ-R7: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.3 V to 20 V | | **Maximum Output Current** | 500 mA | | **Dropout Voltage** | 330 mV (at 500 mA load) | | **Output Voltage Options** | Fixed (1.8V, 3.3V, 5V) or Adjustable (1.22V to 19V) | | **PSRR (Power Supply Rejection Ratio)** | 60 dB at 10 kHz; 40 dB at 1 MHz | | **Output Noise** | 15 µV rms (independent of output voltage) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 8-lead LFCSP (3mm x 3mm) | --- ### ## Key Features & Functionality 1. **Low Noise Performance:** The device is specifically engineered for low output noise, which is critical for powering sensitive components like Analog-to-Digital Converters (ADCs), Digital-to-Analog Converters (DACs), and precision amplifiers. 2. **Wide Input Range:** Unlike many LDOs that operate only up to 5.5V, the ADP7105 handles up to 20V, allowing it to regulate down from standard 12V or 15V industrial rails. 3. **Precision Enable and Soft Start:** It includes a precision enable pin that allows for programmable UVLO (Under Voltage Lockout). The internal soft-start circuitry limits inrush current during startup. 4. **Protection Circuitry:** * **Thermal Overload Protection:** Prevents damage if the junction temperature exceeds limits. * **Current-Limit Protection:** Protects the device during short-circuit conditions. * **Reverse Current Protection:** Prevents current from flowing from the output back to the input. --- ### ## Application Circuit Overview The ADP7105 requires minimal external components. A basic adjustable configuration typically uses two resistors to set the output voltage ($V_{OUT}$). ```text Input (VIN) ----[ C_IN ]----[ ADP7105 ]----[ C_OUT ]---- Output (VOUT) | [ Feedback Resistors ] | GND ``` * **Capacitor Selection:** Small 1 μF or larger ceramic capacitors are recommended for both input and output to ensure stability and high-frequency noise decoupling. --- ### ## Typical Applications * **Infrastructure:** Base stations and wireless communication systems. * **Medical:** Precision imaging and diagnostic equipment. * **Industrial:** High-end instrumentation and automated test equipment (ATE). * **ADC/DAC Power:** Supplying clean power to high-resolution converters.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the feedback resistors for the adjustable version of the ADP7105?
    • ⤷ What is the significance of the R7 suffix in the part number?
    • ⤷ How does the thermal performance of the LFCSP package compare to the SOIC version?