công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP7102ARDZ-5.0-R7

  • AI
    The **ADP7102ARDZ-5.0-R7** is a high-performance CMOS, low dropout (LDO) linear regulator produced by Analog Devices. It is specifically designed for high-performance analog and mixed-signal circuits that require low noise and high power supply rejection. --- ### ## Technical Specifications Overview The following table summarizes the primary electrical characteristics of the ADP7102ARDZ-5.0-R7: | Parameter | Value | Notes | | :--- | :--- | :--- | | **Input Voltage Range** | 3.3 V to 20 V | Wide range for various rails | | **Output Voltage** | 5.0 V | Fixed output version | | **Output Current** | 300 mA | Maximum continuous load | | **Dropout Voltage** | 200 mV (typ) | At 300 mA load | | **PSRR** | 60 dB at 10 kHz | High rejection of input noise | | **Output Noise** | 15 µV rms | Low noise for sensitive analog | | **Package** | 8-Lead SOIC_N_EP | With exposed pad for thermal relief | --- ### ## Key Electronic Features 1. **Low Dropout (LDO) Operation:** The device can maintain a stable 5.0V output even when the input voltage is only slightly higher (approx. 200mV) than the output, improving efficiency in battery-powered applications. 2. **Precision Enable:** Includes a precision enable input that allows the user to turn the regulator on/off or set a specific input voltage threshold for startup. 3. **Low Noise Performance:** Because it generates very little internal noise, it is ideal for powering ADCs, DACs, and precision amplifiers where power supply ripples can degrade performance. 4. **Reverse Current Protection:** Integrated protection prevents current from flowing from the output to the input when the input voltage drops below the output voltage. 5. **Thermal Overload & Short Circuit Protection:** The IC protects itself from damage by shutting down if the internal junction temperature exceeds limits or if the output is shorted to ground. --- ### ## Pin Configuration (8-Lead SOIC) The device utilizes an 8-pin package with a thermal pad: | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **VOUT** | Regulated Output Voltage | | 2 | **SENSE** | Feedback Sense Input (Connect to VOUT) | | 3 | **GND** | Ground | | 4 | **NC** | No Connect | | 5 | **EN** | Enable Input (High = On, Low = Off) | | 6 | **NC** | No Connect | | 7 | **VIN** | Unregulated Input Voltage | | 8 | **NC** | No Connect | | **Pad** | **EPAD** | Exposed Pad (Must be soldered to GND for heat dissipation) | --- ### ## Typical Application Circuit To ensure stability, the ADP7102 requires high-quality ceramic capacitors with low Equivalent Series Resistance (ESR). ```python # Minimal Schematic Representation [Input 7V] ---[C_IN: 2.2uF]---(VIN pin) | [ADP7102-5.0] ---(VOUT pin)---[C_OUT: 2.2uF]--- [Load 5V] | (GND) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the fixed and adjustable versions of the ADP7102?
    • ⤷ How does the exposed pad (EPAD) affect the thermal design of the PCB?
    • ⤷ What is the impact of using a capacitor larger than 2.2uF on the output?