ADP5589ACBZ-00-R7
AI

The **ADP5589ACBZ-00-R7** is a high-performance, mobile-optimized I/O expansion device developed by **Analog Devices**. It is primarily categorized as a Keypad Decoder and GPIO (General Purpose Input/Output) Expansion chip.
---
## 1. Technical Specifications
The following table summarizes the primary electrical and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. |
| **Package / Case** | 25-WLCSP (Wafer Level Chip Scale Package) |
| **Interface** | I²C (Fast Mode Plus up to 1 MHz) |
| **Supply Voltage** | 1.7 V to 3.3 V |
| **Number of I/Os** | Up to 19 GPIOs |
| **Keypad Matrix** | Up to 11 × 8 (88 keys) |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Key Internal Components
The ADP5589 is integrated with several specific functional blocks designed to offload tasks from the main processor:
### A. Keypad Decoder
It features a hardware-based scanning engine that supports up to 88 keys. It includes:
- **FIFO Buffer:** Stores up to 16 events (key presses and releases).
- **Ghost-key elimination:** Prevents false triggers when multiple keys are pressed simultaneously.
### B. Programmable Logic
The device includes a "Reset Generator" and PWM (Pulse Width Modulation) generators. This allows it to handle:
- LED brightness control.
- System reset signals based on specific key combinations (e.g., holding Volume Down + Power).
### C. GPIO Controller
Each of the 19 pins can be individually configured as:
- Input with interrupt capability.
- Output (push-pull or open-drain).
- Special function (PWM or Keypad Matrix).
---
## 3. Applications
Due to its small footprint and low power consumption, it is commonly found in:
1. **Smartphones and Tablets:** For physical buttons and QWERTY keyboards.
2. **Portable Medical Devices:** Where compact I/O expansion is required.
3. **Industrial Handhelds:** For rugged keypads and status LEDs.
---
## 4. Ordering Information Breakdown
The suffix `ACBZ-00-R7` provides specific logistics data:
- **ACBZ:** Refers to the WLCSP package type and temperature range.
- **00:** Indicates the default internal configuration/firmware version.
- **R7:** Indicates that the part is shipped on a **7-inch Tape and Reel** (typically 1,500 units).
- ⤷
What are the power consumption levels in standby mode for the ADP5589?
- ⤷ How does the 'Ghost-key' elimination circuitry work in this chip?
- ⤷ Can you provide a sample I2C initialization sequence for this device?