công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP5585ACPZ-01-R7

  • AI
    The **ADP5585ACPZ-01-R7** is a versatile I/O expansion device designed by Analog Devices. It is primarily used to expand the capabilities of a microprocessor or microcontroller via the I2C interface, specifically for keypad scanning and GPIO management. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Function** | Keypad Decoder / I/O Expander | | **Interface** | I2C (Up to 400 kHz) | | **GPIO Count** | Up to 10 Configurable I/Os | | **Keypad Matrix Support** | Up to 5 x 5 (25 keys) | | **Operating Voltage** | 1.65V to 3.6V | | **Package** | 16-LFCSP (3mm x 3mm) | | **Mounting Type** | Surface Mount | --- ### 2. Core Functional Blocks #### A. Keypad Scanner The device features a built-in keypad scanning engine. It handles debouncing automatically, which prevents "ghost" key presses and reduces the overhead on the main CPU. It can support matrices up to 5 rows and 5 columns. #### B. GPIO Expansion When not used for a keypad, the pins can be configured as General Purpose Input/Outputs (GPIOs). These can be used to: * Drive LEDs. * Sense digital signals. * Trigger interrupts. #### C. FIFO Register The chip includes a First-In-First-Out (FIFO) buffer that stores up to 16 events (key presses or releases). This ensures that no user input is lost even if the main processor is busy with other tasks. --- ### 3. Pinout and Integration The "01" in the part number refers to a specific default configuration (often related to the I2C address or internal pull-up settings). ```c // Typical I2C Initialization Pseudocode void init_adp5585() { write_reg(ADR, GP_IEN, 0xFF); // Enable interrupts write_reg(ADR, KP_MAX_SCAN, 0x19); // Set 5x5 Matrix write_reg(ADR, INT_STAT, 0x01); // Clear status } ``` --- ### 4. Applications * **Mobile Devices:** Smartphones and tablets requiring physical buttons. * **Industrial Equipment:** Control panels with membrane keypads. * **Portable Instruments:** Handheld medical or testing devices. * **IoT Hardware:** Where low power consumption and small footprint are critical.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the -01 and -00 versions of this chip?
    • ⤷ How do you calculate the power consumption of the ADP5585 in standby mode?
    • ⤷ Can the GPIOs on this device be used to drive high-current LEDs directly?