AI

## Overview of ADP5585ACBZ-00-R7
The **ADP5585ACBZ-00-R7** is a high-performance Keypad Decoder and I/O Expander developed by Analog Devices. It is specifically designed for mobile and portable applications where power consumption and space are critical factors.
---
### Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | Keypad Decoder / GPIO Expander |
| **Interface** | I2C (up to 1 MHz) |
| **GPIO Count** | Up to 10 Configurable I/Os |
| **Keypad Matrix** | Up to 5 x 5 (25 keys) |
| **Supply Voltage (Vcc)** | 1.65 V to 3.6 V |
| **Package** | 16-ball WLCSP (1.59 mm x 1.59 mm) |
| **Operating Temperature** | -40°C to +85°C |
---
### Core Functional Components
The device acts as an off-loading engine for the main processor by managing human-interface tasks autonomously.
#### 1. Keypad Decoder
The internal logic automatically scans the keypad matrix. When a key press or release is detected, the device populates a **FIFO (First-In-First-Out) buffer** and sends an interrupt signal to the host processor. This prevents the host from having to constantly "poll" the keys, saving significant power.
#### 2. GPIO Expander
Each of the 10 pins can be individually configured for different tasks:
* **Input/Output:** Standard logic levels.
* **PWM Generator:** Useful for controlling LED brightness or haptic motor intensity.
* **Clock Outputs:** Can generate clock signals for other peripherals.
#### 3. Protection Logic
The chip includes built-in **ESD protection** and debouncing circuitry. The debounce time is programmable via I2C, ensuring that "noisy" mechanical switch signals are cleaned up before being reported as a press.
---
### Application Circuit Example
The following is a simplified representation of how the device is addressed via I2C.
```c
// Example Pseudocode for initializing ADP5585 via I2C
void init_adp5585() {
I2C_Write(0x34, REG_PIN_CONFIG_A, 0xFF); // Set pins as keypad matrix
I2C_Write(0x34, REG_DEBOUNCE_DIS, 0x00); // Enable debouncing
I2C_Write(0x34, REG_INT_EN, 0x01); // Enable Keypad Interrupt
}
```
---
### Key Advantages
* **Small Footprint:** The WLCSP (Wafer Level Chip Scale Package) is extremely small, making it ideal for smartphones and wearables.
* **Low Power:** Consumes very little current in standby mode, extending battery life.
* **Internal Oscillator:** It does not require an external clock source, reducing the Bill of Materials (BOM).
- ⤷
What is the difference between the -00-R7 and other variants of the ADP5585?
- ⤷ How is the I2C slave address configured for this specific model?
- ⤷ Can you provide a typical wiring diagram for a 3x3 keypad matrix using this chip?