ADP5065ACBZ-1-R7
AI

### Overview of ADP5065ACBZ-1-R7
The **ADP5065ACBZ-1-R7** is a highly integrated linear battery charger management IC designed specifically for single-cell Li-ion or Li-polymer batteries. It is engineered to operate efficiently from multiple power sources, including USB ports and wall adapters.
---
### Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Analog Devices Inc. (ADI) |
| **Battery Chemistry** | Lithium-Ion / Lithium-Polymer |
| **Number of Cells** | 1 (Single Cell) |
| **Input Voltage Range** | 4.0V to 5.5V (Absolute Max: 20V) |
| **Charge Current** | Up to 1.3A (Programmable) |
| **Interface** | I²C Serial Interface |
| **Package Type** | 20-ball WLCSP (Wafer Level Chip Scale Package) |
---
### Core Functional Blocks
#### 1. Charging Management
The device operates in several modes to ensure battery safety and longevity:
* **Trickle Charge:** For deeply discharged batteries.
* **Constant Current (CC):** Fast charging at the programmed rate.
* **Constant Voltage (CV):** Maintaining precise voltage (typically 4.2V) as current tapers off.
#### 2. Isolation and System Power
The IC features a **Power Path Management** system. This allows the device to power the system load even when the battery is completely discharged or missing, prioritizing the system power over the battery charging current.
#### 3. Protection Mechanisms
* **Thermal Management:** Integrated thermal limiting reduces charge current if the die temperature exceeds a threshold.
* **JEITA Compliance:** It monitors battery temperature via an external NTC thermistor and adjusts charging parameters to meet JEITA safety standards.
* **Overvoltage Protection (OVP):** Protects the internal circuitry from high-voltage transients on the input.
---
### Programming and Control (I²C)
The "1" in the part number indicates a specific default register configuration. However, most parameters are adjustable via the **I²C interface**:
* Termination voltage levels.
* Fast-charge current limits.
* Safety timer durations.
* Interrupt masking for status reporting.
---
### Typical Application Circuit Snippet
```c
// Example pseudo-code for I2C initialization of ADP5065
void setup_charger() {
I2C_Write(ADP5065_ADDR, CHG_CURR_REG, 0x0A); // Set Charge Current to 500mA
I2C_Write(ADP5065_ADDR, TERM_VOLT_REG, 0x02); // Set Termination Voltage to 4.2V
I2C_Write(ADP5065_ADDR, EN_REG, 0x01); // Enable Charging
}
```
---
- ⤷
What are the specific differences between the ADP5065 and other models in the ADP506x series?
- ⤷ How does the JEITA compliance feature protect the battery in extreme temperatures?
- ⤷ What are the PCB layout considerations for the 20-ball WLCSP package?