công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP5054ACPZ-R7

  • AI
    The **ADP5054ACPZ-R7** is a high-performance, integrated power management unit (PMU) manufactured by Analog Devices. It is specifically designed to meet the high power density requirements of FPGA and processor-based systems. --- ### 1. General Specifications The device combines four high-performance buck (step-down) regulators in a single compact package. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Package** | 48-Lead LFCSP (7mm x 7mm) | | **Input Voltage Range** | 4.5 V to 15 V | | **Channels** | 4 Buck Regulators | | **Current Output** | CH1 & CH2: 2A / CH3 & CH4: 1.2A | | **Switching Frequency** | 250 kHz to 1.4 MHz (Programmable) | --- ### 2. Key Electronic Components & Internal Features #### A. Buck Regulators (Channels 1-4) * **Synchronous Rectification:** All channels integrate high-side and low-side power MOSFETs. This improves efficiency and eliminates the need for external Schottky diodes. * **Current Mode Control:** Uses a peak current mode architecture for fast line and load transient response. #### B. Phase Shifting & Noise Reduction * **Individual Precision Enable:** Each channel has a dedicated enable pin with a precise threshold, allowing for specific **Power-Up Sequencing**. * **Programmable Phase Shift:** The channels can be programmed to operate out of phase (e.g., 0°, 90°, 180°, 270°). This reduces the input ripple current and minimizes the size of the required input capacitors. #### C. Control and Protection Circuitry * **Soft Start:** Dedicated pins allow for adjustable soft-start timing to prevent inrush current. * **Power Good (PWRGD):** An open-drain output that monitors the output voltage of selected channels. * **Safety Features:** Includes Thermal Shutdown (TSD), Overcurrent Protection (OCP), and Undervoltage Lockout (UVLO). --- ### 3. Pin Configuration Overview (Functional Groups) | Pin Category | Function | | :--- | :--- | | **PVINx** | Power input for each specific buck regulator. | | **SWx** | Switching node connected to the external inductor. | | **FBx** | Feedback input to set the output voltage via a resistor divider. | | **RT** | Resistor to ground to set the overall switching frequency. | | **COMPx** | External compensation network to stabilize the control loop. | | **VREG** | Internal LDO output (typically 4.8V) for internal circuitry. | --- ### 4. Typical Application Circuit To implement this part, the following external passive components are required: 1. **Inductors:** One per channel, sized based on the switching frequency and output current. 2. **Input/Output Capacitors:** Low ESR ceramic capacitors to filter ripple. 3. **Resistor Dividers:** To set the target output voltages on the Feedback (FB) pins. 4. **Compensation Network:** RC networks on the COMP pins to ensure loop stability. ---
    ✨ Follow-up Questions
    • ⤷ What are the primary advantages of using the ADP5054 over four discrete buck regulators?
    • ⤷ How do you calculate the feedback resistor values for a specific output voltage?
    • ⤷ What is the significance of the 'R7' suffix in the part number?