công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP5041ACPZ-1-R7

  • AI
    ## Overview of the ADP5041ACPZ-1-R7 The **ADP5041ACPZ-1-R7** is a highly integrated power management unit (PMU) manufactured by **Analog Devices**. It is designed for applications that require multiple power rails in a small form factor, such as high-end portable devices, processors, and FPGAs. --- ### Key Internal Components The device integrates three major power regulators and a supervisory circuit into a single package: | Component | Type | Details | |:---|:---|:---| | **Buck Regulator** | High-Efficiency Step-Down | Provides up to **1.2 A** of current. Operates at 3 MHz. | | **LDO 1** | Low Dropout Regulator | Provides up to **300 mA** of current. | | **LDO 2** | Low Dropout Regulator | Provides up to **300 mA** of current. | | **Supervisory** | Reset & Watchdog | Includes power-on reset (POR) and a watchdog timer. | --- ### Technical Specifications Below are the critical electrical characteristics for the ADP5041: * **Input Voltage Range:** 2.3 V to 5.5 V * **Buck Output Voltage:** Adjustable or Fixed (typically 1.2V to 3.3V) * **LDO Output Voltage:** Adjustable or Fixed (typically 0.8V to 5.2V) * **Switching Frequency:** 3.0 MHz (allows for small external inductors) * **Quiescent Current:** Very low (~55 μA in power-save mode) * **Package:** 20-lead LFCSP (4mm x 4mm) --- ### Pin Configuration & Functionality The parts are organized to minimize external component count while maintaining stability. 1. **VIN1 / VIN2:** Input power pins for the buck and LDOs. 2. **SW:** Switching node for the buck regulator (connected to the inductor). 3. **VOUT1 / VOUT2 / VOUT3:** Output voltage monitoring/feedback pins. 4. **WDI:** Watchdog Input to monitor processor activity. 5. **nRESET:** Active-low reset output to the system processor. 6. **EN1 / EN2 / EN3:** Individual enable pins for each rail. --- ### Advantages for Design * **Space Saving:** By combining a switcher, two LDOs, and a supervisor, it replaces 4-5 discrete ICs. * **Efficiency:** The high-frequency buck regulator ensures minimal heat generation and high battery life. * **Reliability:** The integrated watchdog timer ensures the system processor recovers if it hangs. * **Low Noise:** The LDOs provide clean power for sensitive analog peripherals or sensors. --- ### Part Number Breakdown * **ADP5041:** Base model number. * **ACPZ:** Lead-free, LFCSP package. * **1:** Specific internal voltage setting or hardware configuration code. * **R7:** Packaging type (7-inch Reel, typically 1,500 units).
    ✨ Follow-up Questions
    • ⤷ What are the typical applications for the ADP5041 in consumer electronics?
    • ⤷ How does the watchdog timer functionality protect the system?
    • ⤷ What external components are required to complete the Buck regulator circuit?