ADP5034AREZ-R7
AI

## Technical Overview of ADP5034AREZ-R7
The **ADP5034AREZ-R7** is a high-performance, integrated power management unit (PMU) manufactured by **Analog Devices**. It is designed for applications requiring multiple power rails in a compact form factor, such as smartphones, tablets, and portable industrial devices.
---
### Core Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. |
| **Package Type** | 28-Lead LFCSP (Lead Frame Chip Scale Package) |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Regulators** | 2 x Buck (Step-Down) + 2 x LDO |
| **Buck Output Current** | 1200 mA (per channel) |
| **LDO Output Current** | 300 mA (per channel) |
| **Switching Frequency** | 3 MHz |
| **Operating Temp** | -40°C to +125°C |
---
### Main Electronic Components & Functions
#### 1. Dual Step-Down (Buck) Regulators
The chip features two high-efficiency buck regulators.
* **High Frequency:** Operating at 3 MHz allows the use of very small inductors and ceramic capacitors, reducing the overall PCB footprint.
* **Mode Switching:** They can operate in Forced PWM mode (for low noise) or Auto PWM/PSM mode (to save power during light loads).
#### 2. Dual Low Dropout (LDO) Regulators
Two 300 mA LDOs provide clean, low-noise power.
* **PSRR:** They feature high Power Supply Rejection Ratio, making them ideal for noise-sensitive analog components like sensors or RF stages.
* **Low Quiescent Current:** Designed to minimize battery drain.
#### 3. Control & Protection Circuits
The internal logic manages the safety and sequencing of the power rails:
* **Soft Start:** Gradually increases output voltage to prevent inrush current.
* **Thermal Shutdown (TSD):** Protects the device from overheating.
* **Overcurrent Protection:** Limits current if a short circuit occurs.
* **Undervoltage Lockout (UVLO):** Ensures the device doesn't operate if the input voltage is too low.
---
### Typical Application Circuit Requirements
To implement this part, the following external components are typically required:
```yaml
Components:
Inductors: 2 x 1.0 µH (for Buck regulators)
Input Capacitors: 10 µF Ceramic
Output Capacitors: 10 µF to 22 µF (depending on ripple requirements)
Resistors: Voltage divider network (if using adjustable version)
```
---
### Key Advantages
* **Space Saving:** Consolidates four regulators into a single $5mm \times 5mm$ package.
* **Efficiency:** High conversion efficiency (>90%) extends battery life in portable electronics.
* **Flexible Sequencing:** Individual enable pins for each regulator allow for specific power-up timing.
- ⤷What is the difference between the fixed and adjustable output versions of the ADP5034?
- ⤷ How do I calculate the inductor value for the 3MHz buck regulators?
- ⤷ What are the specific pinout differences for the LFCSP package?