ADP5034ACPZ-3-R7
AI

The **ADP5034ACPZ-3-R7** is a high-performance, integrated power management unit (PMU) manufactured by Analog Devices. It is designed for applications requiring multiple power rails in a compact footprint, such as smartphones, tablets, and portable medical devices.
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Analog Devices Inc. |
| **Input Voltage Range** | 2.3V to 5.5V |
| **Buck Regulator 1 & 2** | 1.2A Continuous Output Current |
| **LDO Regulator 1 & 2** | 300mA Continuous Output Current |
| **Switching Frequency** | 3 MHz |
| **Package / Case** | 24-WFQFN Exposed Pad (LFCSP) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Architecture
The device combines four high-performance regulators to provide a complete power solution:
#### A. Dual Buck Regulators (Channels 1 & 2)
* **Efficiency:** Uses a 3 MHz switching frequency, allowing for the use of tiny multilayer inductors.
* **Mode Control:** Can operate in **PWM mode** (for low noise) or **PSM mode** (Power Save Mode for high efficiency at light loads).
* **Phase Shifting:** The two bucks operate 180° out of phase to reduce input ripple current and minimize input capacitance.
#### B. Dual LDOs (Channels 3 & 4)
* **Low Noise:** Designed for sensitive analog circuits.
* **High PSRR:** Excellent Power Supply Rejection Ratio (PSRR) to filter out noise from the switching regulators.
* **Low Dropout:** Requires very little voltage headroom to maintain regulation.
---
### 3. Pinout and Features
The "3" in the part number suffix often refers to a specific factory-programmed default output voltage configuration.
* **EN1, EN2, EN3, EN4:** Individual enable pins for each regulator allow for precise power sequencing.
* **AVIN:** Analog input for internal control circuitry (should be bypassed with a ceramic capacitor).
* **Thermal Shutdown:** Integrated protection against overheating.
* **Soft Start:** Internal soft start circuitry limits inrush current during startup.
---
### 4. Sample Circuit Implementation
To implement this part, minimal external components are required. Below is a simplified representation of the typical external component requirements:
```cpp
// Typical External Components per ADP5034 Channel:
// Buck Regulators (1 & 2):
// - 1x 1.0uH to 2.2uH Inductor
// - 2x 10uF Ceramic Capacitors (Input/Output)
// LDO Regulators (3 & 4):
// - 2x 1uF Ceramic Capacitors (Input/Output)
```
---
### 5. Application Areas
1. **Mobile Handsets:** Powering baseband processors and I/O.
2. **Portable Devices:** Digital cameras and GPS units.
3. **FPGA/DSP Power:** Providing multiple low-voltage rails with high precision.
4. **Medical Imaging:** Handheld ultrasound or monitoring equipment.
- ⤷
What are the specific default output voltages for the '-3' version of the ADP5034?
- ⤷ How does the 3 MHz switching frequency impact the selection of external inductors?
- ⤷ What is the thermal resistance (Theta-JA) of the LFCSP package for this device?