công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP5022ACBZ-1-R7

  • AI
    ## Technical Overview of ADP5022ACBZ-1-R7 The **ADP5022ACBZ-1-R7** is a highly integrated power management unit (PMU) designed primarily for space-constrained, battery-powered devices. It is manufactured by Analog Devices (formerly Linear Technology/Analog Devices). --- ### 1. Key Internal Components The device integrates three high-performance regulators into a single, tiny WLCSP package: | Component | Type | Output Current | Characteristics | | :--- | :--- | :--- | :--- | | **Buck Regulator 1** | Step-Down DC-DC | 600 mA | High efficiency, 3 MHz switching frequency. | | **Buck Regulator 2** | Step-Down DC-DC | 600 mA | High efficiency, 3 MHz switching frequency. | | **LDO Regulator** | Low Dropout | 300 mA | Low noise, high PSRR for sensitive analog rails. | --- ### 2. Detailed Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.3V to 5.5V | | **Switching Frequency** | 3.0 MHz (Allows for tiny 1.0µH inductors) | | **Package Type** | 16-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | | **Quiescent Current** | ~25 µA (in power-save mode with all regulators active) | --- ### 3. Core Features & Benefits * **High Efficiency:** Uses synchronous rectification to achieve over 90% efficiency, extending battery life. * **Automatic PWM/PSM Mode:** The device transitions between Pulse Width Modulation (for high loads) and Power Save Mode (for light loads) automatically. * **Internal Soft Start:** Prevents current inrush during startup to protect the battery and internal circuitry. * **Thermal & Current Protection:** Includes thermal shutdown (TSD) and overcurrent protection (OCP) on all outputs. * **Tiny Footprint:** The 3 MHz frequency allows the use of small 0603 or 0402 sized external capacitors and inductors. --- ### 4. Typical Applications Due to its small size and multi-rail output, it is commonly found in: 1. **Mobile Phones:** Powering baseband processors and I/O. 2. **Wearables:** Smartwatches and fitness trackers where PCB space is critical. 3. **IoT Sensors:** Low-power wireless modules. 4. **Digital Cameras:** Powering image processors and internal logic. --- ### 5. Part Number Breakdown: `ADP5022ACBZ-1-R7` * **ADP5022:** Product Series. * **ACBZ:** Package designator (WLCSP). * **-1:** Specific voltage option code (defines the factory-preset output voltages for the Buck/LDO rails). * **-R7:** Tape and Reel packaging (7-inch reel).
    ✨ Follow-up Questions
    • ⤷ What are the specific output voltage levels for the '-1' suffix version?
    • ⤷ What is the recommended layout strategy for the 3 MHz switching inductors?
    • ⤷ How does the Power Save Mode (PSM) affect output ripple compared to PWM mode?