công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP5014ACPZ-R7

  • AI
    The **ADP5014ACPZ-R7** is a high-performance, low-noise multi-output regulator designed by Analog Devices. It is specifically engineered to power noise-sensitive components like high-speed ADCs, DACs, and precision sensors. --- ### 1. Key Technical Specifications The device integrates four high-performance buck (step-down) regulators in a single compact package. | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Input Voltage Range** | 2.75 V to 6.0 V | | **Number of Outputs** | 4 (Quad Buck Regulators) | | **Output Current** | 2 A, 2 A, 1 A, 1 A (Total 6 A) | | **Switching Frequency** | Programmable (typically 1.2 MHz or 2.4 MHz) | | **Package** | 40-Lead LFCSP (6mm x 6mm) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Functional Features * **Low Noise Performance:** Unlike standard switching regulators, the ADP5014 is designed to mimic the low-noise characteristics of an LDO (Linear Regulator) while maintaining the high efficiency of a buck converter. * **Precision Enable & Power Good:** Each channel has a dedicated enable pin and a power-good flag, allowing for complex power-up sequencing. * **Flexible Output Configuration:** The output voltages can be set via external resistor dividers, providing flexibility for various rail requirements (e.g., 0.8V to 3.3V). * **Safety Protections:** * Overcurrent Protection (OCP) * Thermal Shutdown (TSD) * Undervoltage Lockout (UVLO) --- ### 3. Application Use Cases Due to its high integration and low noise profile, the ADP5014 is commonly used in: 1. **RF & Communications:** Powering FPGAs, ASICs, and RF transceivers. 2. **Medical Imaging:** Used in ultrasound or MRI signal processing where power supply noise can interfere with image quality. 3. **Industrial Automation:** High-precision data acquisition systems. --- ### 4. Typical Application Circuit ```text [Input 5V] ----> [PVIN1, PVIN2, PVIN3, PVIN4] | [ ADP5014 ] ----> VOUT1 (2A) -> (e.g., FPGA Core) | ----> VOUT2 (2A) -> (e.g., I/O Rail) | ----> VOUT3 (1A) -> (e.g., Analog Rail) | ----> VOUT4 (1A) -> (e.g., Auxiliary) ```
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for reducing EMI with the ADP5014?
    • ⤷ How does the 'Precision Enable' feature assist in power sequencing?
    • ⤷ Can the ADP5014 outputs be paralleled for higher current requirements?