ADP2370ACPZ-R7
AI

## Overview of the ADP2370ACPZ-R7
The **ADP2370ACPZ-R7** is a high-efficiency, low quiescent current, step-down (buck) DC-to-DC regulator manufactured by **Analog Devices**. It is designed for applications where power efficiency and space-saving are critical, such as battery-powered portable devices.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Input Voltage Range** | 3.2 V to 15 V |
| **Output Current** | Up to 800 mA |
| **Output Voltage** | Adjustable or Fixed (0.8 V to Vin) |
| **Switching Frequency** | 600 kHz or 1.2 MHz (Pin selectable) |
| **Quiescent Current** | 14 µA (Typical in No Load) |
| **Package Type** | 8-Lead LFCSP (3mm x 3mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Electronic Components (Internal)
The ADP2370 integrates several internal components to simplify the design of the power circuit:
* **Power MOSFETs:** It contains integrated high-side and low-side power switches, which eliminates the need for an external Schottky diode and improves overall efficiency.
* **PWM/PSM Controller:** It uses Pulse Width Modulation (PWM) for heavy loads and automatically switches to Power Save Mode (PSM) for light loads to conserve battery life.
* **Precision Enable (EN):** A dedicated pin to turn the device on/off. It has a precise threshold, allowing it to be used as a programmable UVLO (Under Voltage Lockout).
* **Power Good (PG):** An open-drain output that indicates whether the output voltage is within its regulated range.
---
### 3. Required External Components
To create a complete power supply circuit using the ADP2370, the following external parts are required:
1. **Inductor (L):** Typically between $1\mu H$ and $10\mu H$. It stores energy during the switching cycle.
2. **Input Capacitor ($C_{IN}$):** Usually a $10\mu F$ ceramic capacitor to filter input noise.
3. **Output Capacitor ($C_{OUT}$):** Usually a $22\mu F$ ceramic capacitor to stabilize the output voltage.
4. **Feedback Resistors ($R_1, R_2$):** Required only for the *adjustable* version to set the specific output voltage level.
---
### 4. Part Number Breakdown
| Segment | Meaning |
|:---|:---|
| **ADP2370** | Base model number (High Voltage Buck Regulator) |
| **ACPZ** | Lead-free, RoHS compliant LFCSP package |
| **R7** | 7-inch Tape and Reel packaging (3,000 units) |
---
### 5. Common Applications
* Portable and battery-powered equipment.
* Industrial sensors and "Smart" meters.
* Medical instrumentation.
* Point-of-Load (POL) power conversion.
- ⤷What is the difference between the 600 kHz and 1.2 MHz frequency modes?
- ⤷ How do I calculate the feedback resistors for a 3.3V output?
- ⤷ What are the thermal considerations for the LFCSP package?