ADP2360ACPZ-3.3-R7
AI

## Technical Overview of the ADP2360ACPZ-3.3-R7
The **ADP2360ACPZ-3.3-R7** is a high-efficiency, synchronous step-down (buck) DC-to-DC regulator manufactured by **Analog Devices**. It is designed for applications requiring high input voltage and ultra-low quiescent current.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4.5 V to 60 V |
| **Output Voltage** | Fixed 3.3 V |
| **Continuous Output Current** | Up to 50 mA |
| **Quiescent Current ($I_q$)** | 4 µA (Typical, No load) |
| **Switching Frequency** | Up to 600 kHz (Pulse Frequency Modulation) |
| **Package / Case** | 8-Lead LFCSP (3mm x 3mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Functional Components
To understand the "electronic parts" within this Integrated Circuit (IC), we categorize them by their functional roles:
#### A. Power Stage
* **High-Side MOSFET:** An integrated P-channel MOSFET that connects the input voltage ($V_{IN}$) to the inductor.
* **Synchronous Rectifier:** An integrated N-channel MOSFET that acts as the bottom switch, improving efficiency by reducing diode conduction losses.
#### B. Control Circuitry
* **PFM Controller:** Unlike standard PWM (Pulse Width Modulation) regulators, the ADP2360 uses **Pulse Frequency Modulation**. This allows the device to skip pulses at light loads, which is why it achieves such a low quiescent current (4 µA).
* **Internal Reference:** A precise bandgap reference ensures the output maintains a steady 3.3 V despite temperature or input fluctuations.
#### C. Protection Features
* **Current Limit:** Protects the internal MOSFETs from damage during overload or short-circuit conditions.
* **Thermal Shutdown:** Powers down the device if the junction temperature exceeds safe limits ($>150°C$).
* **Undervoltage Lockout (UVLO):** Ensures the chip only operates when the input voltage is high enough to drive the internal circuitry reliably.
---
### 3. Application Context
The "R7" suffix indicates the packaging format (**7-inch Tape and Reel**, containing 3,000 units). Its high input voltage capability (60V) makes it ideal for:
* **Industrial sensors** (e.g., 4 mA to 20 mA loop-powered devices).
* **Smart energy meters** connected to high-voltage rails.
* **Automotive/Transportation** systems where battery transients occur.
* **Battery-powered IoT** devices that spend most of their time in sleep mode.
---
### 4. Typical Application Circuit
While the IC is highly integrated, it requires several external "parts" to function:
```text
[VIN] ---- [C_in] ---- [ADP2360] ---- [Inductor] ---- [VOUT 3.3V]
| |
[GND Plane] [C_out]
```
1. **Input Capacitor ($C_{in}$):** Filters high-frequency noise from the source.
2. **Inductor ($L$):** Stores energy during the switching cycle (crucial for buck conversion).
3. **Output Capacitor ($C_{out}$):** Smooths the output ripples for a stable 3.3 V supply.
- ⤷
What is the difference between the fixed 3.3V and the adjustable versions of the ADP2360?
- ⤷ How does Pulse Frequency Modulation (PFM) contribute to battery life in this IC?
- ⤷ What are the PCB layout recommendations for the LFCSP package to manage heat?