ADP2325ACPZ-R7
AI

The **ADP2325ACPZ-R7** is a high-efficiency, dual output, step-down (buck) switching regulator manufactured by Analog Devices. It is designed for high-density power solutions in communications, industrial, and consumer electronics.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4.5 V to 20 V |
| **Output Channels** | Dual (2) |
| **Output Current** | 5 A per channel (or 10 A in interleaved mode) |
| **Switching Frequency** | Programmable (250 kHz to 1.2 MHz) |
| **Output Voltage Range** | Adjustable down to 0.6 V |
| **Efficiency** | Up to 95% |
| **Package** | 32-Lead LFCSP (5mm x 5mm) |
---
### 2. Core Functional Components
The device integrates several critical electronic sections to manage power conversion:
1. **Integrated Power MOSFETs**: It includes high-side and low-side N-channel MOSFETs for both channels, reducing the need for external power components and saving PCB space.
2. **Pulse Width Modulation (PWM) Controller**: Uses current-mode control for excellent line and load transient response. It can operate in forced PWM mode or pulse-skipping mode for light load efficiency.
3. **Phase Shifting Logic**: The two channels operate 180° out of phase. This "interleaving" reduces input current ripple and allows for smaller input capacitance.
4. **Precision Enable and Soft Start**: Each channel has an independent enable pin and adjustable soft-start to prevent inrush current during power-up.
5. **Protection Circuitry**:
* **Overcurrent Protection (OCP)**: Prevents damage during shorts.
* **Thermal Shutdown (TSD)**: Shuts down the chip if the junction temperature exceeds limits.
* **Undervoltage Lockout (UVLO)**: Ensures the device only operates when the input voltage is stable.
---
### 3. Application Circuit Components
When designing with the ADP2325, you typically need the following external parts:
* **Inductors**: Two power inductors (one per channel) to store energy.
* **Capacitors**: Input ceramic capacitors (CIN) and output filter capacitors (COUT).
* **Resistor Dividers**: Connected to the `FB` (feedback) pins to set the desired output voltage.
* **Compensation Network**: Resistors and capacitors connected to the `COMP` pins to stabilize the control loop.
---
### 4. Part Number Breakdown
* **ADP2325**: Device Model Number.
* **ACPZ**: **A** = Temperature range (-40°C to +125°C); **CP** = LFCSP package; **Z** = RoHS compliant (Lead-free).
* **R7**: Denotes the packaging format (7-inch Reel, typically 1,500 units).
- ⤷What are the advantages of using interleaved phase operation in this regulator?
- ⤷ How do you calculate the resistor values for a 3.3V output?
- ⤷ Can this device be configured for a single 10A output instead of two 5A outputs?