công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADP2311ACPZ-3-R7

  • AI
    ## Overview of ADP2311ACPZ-3-R7 The **ADP2311ACPZ-3-R7** is a high-efficiency, dual output, monolithic synchronous step-down (buck) DC-to-DC regulator. It is designed by Analog Devices to provide a compact power solution for multi-rail systems, integrating high-side and low-side power MOSFETs to minimize external component count. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5 V to 18 V | | **Output Configuration** | Dual Output (Independent) | | **Output Current** | 1 A per channel | | **Fixed Output Voltage** | 3.3 V (Specific to the -3 variant) | | **Switching Frequency** | 300 kHz to 2.5 MHz (Sync-able) | | **Package Type** | 24-lead LFCSP (Lead Frame Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### Key Electronic Components & Features 1. **Synchronous Rectification:** The device integrates N-channel power MOSFETs for both high-side and low-side switching. This eliminates the need for external Schottky diodes, significantly improving efficiency at high load currents. 2. **Internal Compensation:** Unlike many buck regulators that require external resistor-capacitor networks to stabilize the control loop, the ADP2311 features internal compensation. This reduces PCB footprint and simplifies the design process. 3. **Phase Shifting:** The two channels operate $180^\circ$ out of phase. This interleaving technique reduces the input ripple current, allowing for smaller input capacitors and reducing electromagnetic interference (EMI). 4. **Protection Circuitry:** * **Overcurrent Protection (OCP):** Individual cycle-by-cycle limit for each channel. * **Thermal Shutdown (TSD):** Automatically shuts down if the junction temperature exceeds safety limits. * **Undervoltage Lockout (UVLO):** Prevents the device from operating at insufficient input voltages. * **Soft Start:** Includes an internal soft-start timer to prevent inrush current during power-up. --- ### Typical Pin Configuration (LFCSP-24) | Pin Name | Function | | :--- | :--- | | **PVIN1 / PVIN2** | Power Input for Channels 1 and 2. | | **SW1 / SW2** | Switching nodes connected to the inductors. | | **BST1 / BST2** | Bootstrap pins for high-side gate drive. | | **EN1 / EN2** | Precision enable pins for sequencing. | | **PGOOD** | Power Good open-drain output signal. | | **EP (Exposed Pad)** | Thermal pad; must be soldered to the PCB ground plane. | --- ### Application Usage The ADP2311 is commonly used in hardware environments where space is at a premium and multiple voltage rails are required, such as: * **Intermediate Bus Voltages:** Converting 12V or 5V rails to lower logic levels. * **Communications Equipment:** Powering FPGAs, ASICs, and DSPs. * **Industrial Automation:** Point-of-load (POL) regulation in control systems.
    ✨ Follow-up Questions
    • ⤷ How does the 180-degree phase shift specifically reduce EMI in a dual-channel design?
    • ⤷ What external components are still required despite the internal compensation?
    • ⤷ Can the ADP2311 be used in a parallel configuration to provide 2A on a single rail?