ADP2311ACPZ-2-R7
AI

## ADP2311ACPZ-2-R7 Technical Overview
The **ADP2311ACPZ-2-R7** is a high-efficiency, dual-output, step-down (buck) DC-to-DC regulator. It is designed by Analog Devices and is widely used in systems requiring multiple voltage rails from a single input source, especially where space is at a premium.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices |
| **Input Voltage Range** | 4.5V to 18V |
| **Output Channels** | Dual (2) |
| **Output Current** | 1A per channel |
| **Switching Frequency** | 300 kHz to 2.5 MHz (Sync) / 750 kHz Default |
| **Output Voltage Range** | Adjustable from 0.6V to 0.9 × VIN |
| **Package** | 24-Lead LFCSP (4mm x 4mm) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Core Features
* **Integrated Power MOSFETs:** The device includes internal high-side and low-side N-channel MOSFETs, which reduces the external component count and simplifies PCB layout.
* **180° Out-of-Phase Operation:** The two channels operate 180 degrees out of phase. This significantly reduces the input ripple current and the size of the required input capacitance.
* **Precision Enable:** Independent enable pins for each channel allow for specific power-up sequencing.
* **Power Good Output:** An open-drain output indicates when the output voltage is within the target range.
* **Protection Circuitry:**
* **OCP:** Overcurrent protection (hiccup mode).
* **TSD:** Thermal shutdown.
* **UVLO:** Undervoltage lockout.
---
### 3. Application Areas
Due to its compact size and high efficiency, this part is commonly found in:
1. **Intermediate Bus Voltage Conversion:** Stepping down 12V or 5V rails.
2. **Communications & Networking:** Powering FPGAs, ASICs, and DSPs.
3. **Industrial/Instrumentation:** Reliable power for sensors and control units.
4. **Consumer Electronics:** Set-top boxes and high-end routers.
---
### 4. Part Number Breakdown
* **ADP2311:** Base model (Dual 1A Buck Regulator).
* **ACPZ:** Package type (LFCSP - Lead Frame Chip Scale Package) and RoHS compliance (Z).
* **2:** Specific version/sub-variant code.
* **R7:** Packaging format (7-inch Tape and Reel, typically 1,500 units).
---
### 5. Typical Circuit Configuration
```text
Input (4.5V - 18V)
|
[CIN]
|
+-------------+
| ADP2311 |----[Inductor 1]----[COUT1]----> Output 1 (1A)
| |
| |----[Inductor 2]----[COUT2]----> Output 2 (1A)
+-------------+
|
[GND]
```
- ⤷
What are the layout considerations for the LFCSP package to ensure thermal stability?
- ⤷ How does the 180-degree phase shift benefit the input capacitor selection?
- ⤷ Can the outputs be paralleled to provide a single 2A output?