ADP2303ARDZ-5.0-R7
AI

The **ADP2303ARDZ-5.0-R7** is a non-isolated step-down (buck) switching regulator manufactured by Analog Devices. It is designed to provide high efficiency and high current output in a compact surface-mount package.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | Fixed 5.0V |
| **Input Voltage Range** | 3.0V to 20V |
| **Output Current** | Up to 3A |
| **Switching Frequency** | 700 kHz (Fixed) |
| **Topology** | Buck (Step-Down) |
| **Package** | 8-Lead SOIC with Exposed Pad (EP) |
| **Efficiency** | Up to 90%+ (depending on load) |
---
### 2. Functional Description
The ADP2303 utilizes a **Current Mode Control** architecture. This provides fast transient response and contributes to simplified loop compensation.
#### Internal Features:
* **Integrated Power MOSFET:** It contains a low $R_{DS(on)}$ high-side N-channel MOSFET.
* **Soft Start:** It includes an internal soft-start mechanism to prevent inrush current during startup.
* **Precision Enable:** Allows the user to set a specific threshold for turning the device on/off, useful for sequencing multiple power rails.
* **Protection Circuitry:**
* **Thermal Shutdown:** Shuts the device down if junction temperature exceeds safe limits.
* **Over-Current Protection (OCP):** Limits the peak current through the inductor to protect the device and load.
* **Under-Voltage Lockout (UVLO):** Ensures the device only operates when the input voltage is sufficient.
---
### 3. Application Circuit Components
To create a functional power supply using this IC, several external components are required:
| Component | Purpose |
| :--- | :--- |
| **Input Capacitor ($C_{IN}$)** | Filters high-frequency noise and supplies pulse current to the buck switch. |
| **Inductor ($L$)** | Stores energy during the "on" cycle and releases it during the "off" cycle. |
| **Schottky Diode ($D$)** | Acts as the catch diode for current flow when the internal switch is off. |
| **Output Capacitor ($C_{OUT}$)** | Smooths the output voltage ripple. |
| **Bootstrap Capacitor ($C_{BST}$)** | Provides the voltage necessary to drive the high-side N-channel gate. |
---
### 4. Part Number Breakdown
The suffix **-R7** indicates the packaging format:
* **ADP2303**: Base model number.
* **ARDZ**: Package code (SOIC with Exposed Pad, Lead-free).
* **5.0**: Fixed output voltage version (5V).
* **R7**: 7-inch Tape and Reel (usually containing 1,000 units).
---
- ⤷What is the difference between the fixed 5V version and the adjustable version of the ADP2303?
- ⤷ How does the exposed pad on the SOIC package affect thermal management?
- ⤷ What is the recommended inductor value for a 12V to 5V conversion using this chip?